Electronic Components Datasheet Search
  English  ▼

X  

TC215 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC215
Description  1024- 횞 1024-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC215 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC215 Datasheet HTML 11Page - Texas Instruments TC215 Datasheet HTML 12Page - Texas Instruments TC215 Datasheet HTML 13Page - Texas Instruments TC215 Datasheet HTML 14Page - Texas Instruments TC215 Datasheet HTML 15Page - Texas Instruments TC215 Datasheet HTML 16Page - Texas Instruments TC215 Datasheet HTML 17Page - Texas Instruments TC215 Datasheet HTML 18Page - Texas Instruments TC215 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC215 consists of a ceramic base, a glass window, and a 24-lead frame. The glass window is
sealed to the package by an epoxy adhesive. The package leads are configured in a dual in-line organization and
fit into mounting holes with 2,54 mm (0.1 in) center-to-center spacings.
T.P.
30,91 (1.217)
30,05 (1.183)
2,54 (1.000)
2,67 (0.105) NOM
2,00 (0.079)
NOM DIA
12,50 (0.492) NOM
6,80 (0.268)
5,80 (0.228)
Optical Center
and
Package Center
(see Note C)
22,83 (0.899)
22,38 (0.881)
+0.01
(+0.0004)
20,93 (0.824)
20,83 (0.820)
1,40 (0.055)
0,64 (0.025)
6,30 (0.248)
4,70 (0.185)
2,54 (0.100)
20,93 (0.824)
20,83 (0.820)
4,93 (0.194) MAX
3,81 (0.150) NOM
0,33 (0.013)
0,17 (0.007)
23,29 (0.917)
22,43 (0.883)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
7/94
NOTES: A. Each pin centerline is located within 2,54 mm (0.1 inch) of its true longitudinal position.
B. The center of the package and the center of the image area are not coincident.
C. Maximum rotation is
±3.5°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com