Electronic Components Datasheet Search
  English  ▼

X  

TLC34075 Datasheet(PDF) 38 Page - Texas Instruments

Part # TLC34075
Description  Video Interface Palette
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34075 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC34075 Datasheet HTML 34Page - Texas Instruments TLC34075 Datasheet HTML 35Page - Texas Instruments TLC34075 Datasheet HTML 36Page - Texas Instruments TLC34075 Datasheet HTML 37Page - Texas Instruments TLC34075 Datasheet HTML 38Page - Texas Instruments TLC34075 Datasheet HTML 39Page - Texas Instruments TLC34075 Datasheet HTML 40Page - Texas Instruments TLC34075 Datasheet HTML 41Page - Texas Instruments TLC34075 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
PARAMETER
UNIT
3–6
3.6 Switching Characteristics (Cont’d.)
TL34075-110, TLC34075-135
TLC34075-110
TLC34075-135
MIN
TYP
MAX
MIN
TYP
MAX
SCLK frequency (see Note 10)
85
85
MHz
VCLK frequency
85
85
MHz
ten1
Enable time, RD low to D<0:7> valid
40
40
ns
tdis1
Disable time, RD high to D<0:7> disabled
17
17
ns
tv1
Valid time, D<0:7> valid after RD high
5
5
ns
tPLH1
Propagation delay, SFLAG/NFLAG
↑ to SCLK
high (see Note 11)
0
20
0
20
ns
td1
Delay time, RD low to D<0:7> starting to turn
on
5
5
ns
td2
Delay time, selected input clock high/low to
DOTCLK (internal signal) high/low
7
7
ns
td3
Delay time, DOTCLK high/low to VCLK
high/low
6
6
ns
td4
Delay time, VCLK high/low to SCLK high/low
0
5
0
5
ns
td5
Delay time, DOTCLK high/low to SCLK
high/low
8
8
ns
td6
Delay time, DOTCLK high to IOR/IOG/IOB
active (analog output delay time) (see Note
12)
20
20
ns
td7
Analog output settling time (see Note 13)
6
6
ns
td8
Delay time, DOTCLK high to HSYNCOUT and
VSYNCOUT valid
3
3
ns
tw6
Pulse duration, SCLK high (see Note 11)
15
55
15
55
ns
tr
Analog output rise time (see Note 14)
2
2
ns
Analog output skew
0
2
0
2
ns
NOTES: 10. SCLK can drive an output capacitive load up to 60 pF. The worst-case transition time between the 10% and
90% levels is less than 4 ns.
11. This parameter applies when the split shift register transfer (SSRT) function is enabled. See Section 2.9.1
for details.
12. Measured from the 90% point of the rising edge of DOTCLK to 50% of the full-scale transition.
13. Measured from the 50% point of the full-scale transition to the point at which the output has settled, within
± 1 LSB (settling time does not include clock and data feedthrough).
14. Measured between 10% and 90% of the full-scale transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com