Electronic Components Datasheet Search
  English  ▼

X  

TLC34075 Datasheet(PDF) 34 Page - Texas Instruments

Part # TLC34075
Description  Video Interface Palette
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34075 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC34075 Datasheet HTML 30Page - Texas Instruments TLC34075 Datasheet HTML 31Page - Texas Instruments TLC34075 Datasheet HTML 32Page - Texas Instruments TLC34075 Datasheet HTML 33Page - Texas Instruments TLC34075 Datasheet HTML 34Page - Texas Instruments TLC34075 Datasheet HTML 35Page - Texas Instruments TLC34075 Datasheet HTML 36Page - Texas Instruments TLC34075 Datasheet HTML 37Page - Texas Instruments TLC34075 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
IIH
IIL
Low-level output
voltage
µA
µA
mA
IDD
pF
Input capacitance
Ci
IDD
See Note 2
3–2
3.3 Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = –800 µA
2.4
V
D<0:7>, MUXOUT, VCLK
IOL = 3.2 mA
0.4
VOL
HSYNCOUT, VSYNCOUT
IOL =15mA
0.4
V
SCLK
IOL =18mA
0.4
High-level input
TTL inputs
VI = 2.4 V
1
current
ECL inputs
VI =4V
1
Low-level input
TTL inputs
VI = 0.8 V
– 1
current
ECL inputs
VI = 0.4 V
– 1
TLC34075-66
350
Supply current,
TLC34075-85
375
pseudo-color mode
TLC34075-110
400
TLC34075-135
470
TLC34075-66
450
Supply current,
TLC34075-85
450
true color mode
TLC34075-110
450
TLC34075-135
450
IOZ
High-impedance-state output currrent
10
µA
TTL inputs
f = 1 MHz, VI = 2.4 V
4
ECL inputs
f = 1 MHz, VI =4V
4
† All typical values are at VDD = 5 V, TA = 25°C.
NOTE 2:
IDD is measured with DOTCLK running at the maximum specified frequency, SCLK frequency =
DOTCLK frequency/4, and the palette RAM loaded with full-range toggling patterns (00h/00h/FFh/FFh/00h/
00h/FFh/FFh/ . . .). Pseudo-color mode is also known as color indexing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com