Electronic Components Datasheet Search
  English  ▼

X  

TLC34075 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC34075
Description  Video Interface Palette
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34075 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC34075 Datasheet HTML 24Page - Texas Instruments TLC34075 Datasheet HTML 25Page - Texas Instruments TLC34075 Datasheet HTML 26Page - Texas Instruments TLC34075 Datasheet HTML 27Page - Texas Instruments TLC34075 Datasheet HTML 28Page - Texas Instruments TLC34075 Datasheet HTML 29Page - Texas Instruments TLC34075 Datasheet HTML 30Page - Texas Instruments TLC34075 Datasheet HTML 31Page - Texas Instruments TLC34075 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
2–16
During special nibble mode, the input mux circuit latches all 8-bit inputs but only passes on the specified
nibble. The specified nibble is stored in the 4 LSBs of the next register pipe after the input latch, and the
4 MSBs are zeroed in that register. The register pipe contents are then passed to the read mask block. With
this structure, the palette page register still functions normally, providing good flexibility to users.
If the general control register bit 3 = 0 and bit 2 = 0, both split shift register transfers and special nibble mode
are disabled and the SFLAG/NFLAG input is ignored.
Sampled
LOAD
Input
SFLAG/NFLAG
of Pixel Data
Latch First Group
of Pixel Data
Latch Last Group
Valid
Don’t Care
Valid
(at its input pin)
Last Group of Pixel Data
SCLK
PIXEL DATA
BLANK
BLANK
VCLK
†
‡
†
‡
CAUTION:
If the data is not held valid until SCLK and BLANK both go low, the last few pixels could be missed.
Setup time to next VCLK falling edge after BLANK high (must be met, otherwise the first pixel data
could be missed).
Group
2nd
Group
1st
Group
4th
Group
3rd
Group
5th
Figure 12. SFLAG/NFLAG Timing in Special Nibble Mode
2.10
MUXOUT Output
MUXOUT is a TTL-compatible output. It is software programmable and is used to control external devices.
Its typical application is to select the HSYNC and VSYNC inputs between the VGA pass-through mode and
the normal modes (see Section 2.8). This output is driven low at power-up or when VGA pass-through mode
is selected; at any other time it can be programmed to the desired polarity via general control register bit
7.
2.11
General Control Register
The general control register is used to control HSYNC and VSYNC polarity, split shift register transfer
enabling, special nibble mode, sync control, the ones accumulation clock source, and the VGA
pass-through indicator. The bit field definitions are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com