Electronic Components Datasheet Search
  English  ▼

X  

HD3SS460 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS460 Datasheet HTML 2Page - Texas Instruments HD3SS460 Datasheet HTML 3Page - Texas Instruments HD3SS460 Datasheet HTML 4Page - Texas Instruments HD3SS460 Datasheet HTML 5Page - Texas Instruments HD3SS460 Datasheet HTML 6Page - Texas Instruments HD3SS460 Datasheet HTML 7Page - Texas Instruments HD3SS460 Datasheet HTML 8Page - Texas Instruments HD3SS460 Datasheet HTML 9Page - Texas Instruments HD3SS460 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
HD3SS460
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage, VCC
–0.5
4
V
Differential High Speed I/O Voltages, C[R/T]X[1/2][p/n], Ln[A-D][p/n], SS[R/T]X[p/n]
–0.5
2.5
V
Low Speed I/O Voltages, CSBU[1/2], SBU[1/2]
–0.5
4
V
Control signal voltages, POL, AMSEL, EN
–0.5
4
V
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
V
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.7
3.3
3.6
V
TA
Operating free air temperature
HD3SS460
0
25
70
°C
HD3SS460I
–40
25
85
VCM
High speed port common mode voltage
0
2
V
VIN
Low Speed signal voltage
0
VCC
Vdiff
High speed port differential voltage
0
1.8
Vpp
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
HD3SS460
UNIT
QFN (RNH)
QFN (RHR)
30 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
51.6
44.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.5
34.8
°C/W
RθJB
Junction-to-board thermal resistance
17.5
14.7
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.7
°C/W
ψJB
Junction-to-board characterization parameter
17.3
24.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.8
6.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com