Electronic Components Datasheet Search
  English  ▼

X  

HD3SS460 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460 Datasheet(HTML) 16 Page - Texas Instruments

Back Button HD3SS460 Datasheet HTML 12Page - Texas Instruments HD3SS460 Datasheet HTML 13Page - Texas Instruments HD3SS460 Datasheet HTML 14Page - Texas Instruments HD3SS460 Datasheet HTML 15Page - Texas Instruments HD3SS460 Datasheet HTML 16Page - Texas Instruments HD3SS460 Datasheet HTML 17Page - Texas Instruments HD3SS460 Datasheet HTML 18Page - Texas Instruments HD3SS460 Datasheet HTML 19Page - Texas Instruments HD3SS460 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
HD3SS460
ML0+
ML0>
ML1+
ML1>
ML2+
ML2>
ML3+
ML3>
RX1+
RX1>
TX1+
TX1>
TX2+
TX2>
RX2+
RX2>
DP Sink
SSTX
SSRX
Vcm > 2.0 V
0.1 µF
0.1 µF
500 nF
500 nF
100 lQ
100 lQ
100 lQ
100 lQ
Copyright © 2016, Texas Instruments Incorporated
16
HD3SS460
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
USB SS and DP as Alternate Mode (continued)
Figure 6. HD3SS460 USB Upstream (DP Sink Implementation Example)
9.2.1 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUES
VCC
3.3 V
Decoupling capacitors
0.1 µF
AC Capacitors
75-200nF (100nF shown) USBSS TX p and n lines require AC capacotprs. Alternate
mode signals may or may not require AC capacitors
Control pins
Controls pins can be dynamically controlled or pin-strapped. The POL signal is
controlled by CC logic in the Type-C ecosystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com