Electronic Components Datasheet Search
  English  ▼

X  

HD3SS460 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460 Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS460 Datasheet HTML 4Page - Texas Instruments HD3SS460 Datasheet HTML 5Page - Texas Instruments HD3SS460 Datasheet HTML 6Page - Texas Instruments HD3SS460 Datasheet HTML 7Page - Texas Instruments HD3SS460 Datasheet HTML 8Page - Texas Instruments HD3SS460 Datasheet HTML 9Page - Texas Instruments HD3SS460 Datasheet HTML 10Page - Texas Instruments HD3SS460 Datasheet HTML 11Page - Texas Instruments HD3SS460 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
POL, AMSEL , EN (H/M)
High/Low Speed Signals
90%
10%
50%
Ton
Toff
8
HD3SS460
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.6 High Speed Port Performance Parameters
under recommended operating conditions; RLOAD, RSC = 50 Ω (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
RL
Differential return loss
100 Mhz SS Paths
–23
dB
2.5 Ghz SS Paths
–9
100 MHz AM Paths
–23
2. 7GHz AM Paths
–13
IL
Differential insertion loss
100 Mhz SS Paths
–0.7
2.5 Ghz SS Paths
–1.6
100 MHz AM Paths
–0.7
2.7 GHz AM Paths
–1.4
OI
Differential off isolation
100 Mhz
–50
2.5 Ghz
–26
2.7 GHz
–25
Xtalk
Differential cross talk, Between
CRX1/2 and CTX1/2
100 Mhz
–80
2.5 Ghz
–30
2.7 Ghz
–28
Differential cross talk, Between
CRX1 and CRX2 or CTX1 and
CTX2
100 Mhz
–50
2.5 Ghz
–26
2.7 Ghz
–25
BWSS
Differential –3 dB BW SS Paths
4.2
GHz
BWAM
Differential –3 dB BW AM Paths
5.4
BWSBU
Low-speed switch –3 dB BW
500
MHz
7.7 High Speed Signal Path Switching Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay
RSC and RLOAD = 50 Ω, Figure 2
100
ps
tSK(O)
Inter-Pair output skew (CH-CH)
50
tSK(b-b)
Intra-Pair output skew (bit-bit)
5
tON
Control signals POL, AMSEL and
EN (H/M toggle) to switch ON time
RSC and RLOAD = 50 Ω, Figure 1
3
µs
tOFF
Control signals POL, AMSEL and
EN (H/M toggle) to switch OFF time
1
Timing Diagrams
Figure 1. Switch ON/OFF Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com