Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/3K Datasheet(HTML) 5 Page - Texas Instruments

  INA169NA/3K Datasheet HTML 1Page - Texas Instruments INA169NA/3K Datasheet HTML 2Page - Texas Instruments INA169NA/3K Datasheet HTML 3Page - Texas Instruments INA169NA/3K Datasheet HTML 4Page - Texas Instruments INA169NA/3K Datasheet HTML 5Page - Texas Instruments INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
INA139, INA169
www.ti.com
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
All other characteristics at TA = –40°C to 85°C, V+ = 5 V, VIN+ = 12 V, and ROUT = 25 kΩ, unless otherwise noted.
INA139NA
INA169NA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
Full-Scale Sense Voltage
VSENSE = VIN+ – VIN–
100
500
100
500
mV
Common-Mode Input Range
2.7
40
2.7
60
V
VIN+ = 2.7 V to 40 V, VSENSE = 50
mV
Common-Mode Rejection
100
115
dB
VIN+ = 2.7 V to 60 V, VSENSE = 50
mV
100
120
dB
Offset Voltage(1) RTI
±0.2
±1
±0.2
±1
mV
vs Temperature
TMIN to TMAX
1
1
µV/°C
V+ = 2.7 V to 40 V, VSENSE = 50 mV
0.5
10
vs Power Supply, V+
µV/V
V+ = 2.7 V to 60 V, VSENSE = 50 mV
0.1
10
Input Bias Current
10
10
µA
OUTPUT
990
1000
1010
990
1000
1010
µA/V
VSENSE = 10 mV – 150 mV
Transconductance vs Temperature
VSENSE = 10 mV,
10
10
nA/°C
Nonlinearity Error
VSENSE = 10 mV to 150 mV
±0.01%
±0.1%
±0.01%
±0.1%
Total Output Error
VSENSE = 100 mV
±0.5%
±2%
±0.5%
±2%
Output Impedance
1 || 5
1 || 5
G
Ω || pF
Swing to Power
(V+) –
(V+) – 1.2
(V+) – 0.9
(V+) – 1.2
V
Supply, V+
0.9
Voltage Output
Swing to Common
VCM –
VCM –1
VCM – 0.6
VCM – 1
V
Mode, VCM
0.6
FREQUENCY RESPONSE
ROUT = 10 kΩ
440
440
kHz
Bandwidth
ROUT = 20 kΩ
220
220
kHz
5-V Step, ROUT = 10 kΩ
2.5
2.5
µs
Settling Time (0.1%)
5-V Step, ROUT = 20 kΩ
5
5
µs
NOISE
Output-Current Noise Density
20
20
pA/
√Hz
Total Output-Current Noise
BW = 100 kHz
7
7
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
40
2.7
60
V
Quiescent Current
VSENSE = 0, IO = 0
60
125
60
125
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
85
–40
85
°C
Operating
–55
125
–55
125
°C
Storage
–65
150
–65
150
°C
Thermal Resistance,
θJA
200
200
°C/W
(1)
Defined as the amount of input voltage, VSENSE, to drive the output to zero.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com