Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/3K Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments INA169NA/3K Datasheet HTML 10Page - Texas Instruments INA169NA/3K Datasheet HTML 11Page - Texas Instruments INA169NA/3K Datasheet HTML 12Page - Texas Instruments INA169NA/3K Datasheet HTML 13Page - Texas Instruments INA169NA/3K Datasheet HTML 14Page - Texas Instruments INA169NA/3K Datasheet HTML 15Page - Texas Instruments INA169NA/3K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
INA139
f
–3dB
=
1
2 R
p
L
C
L
V
O
f
–3dB
R
L
C
L
3
4
Time
with buffer
without Buffer
INA139, INA169
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
Typical Applications (continued)
Figure 10 illustrates this concept. A low pass filter can be placed between the OPA340 output and the input to
the ADC. The filter capacitor is required to provide any instantaneous demand for current required by the input
stage of the ADC. The filter resistor is required to isolate the OPA340 output from the filter capacitor to maintain
circuit stability. The values for the filter components will vary according to the operational amplifier used for the
buffer and the particular ADC selected. More information can be found regarding the design of the low pass filter
in the TI Precision Design 16-bit 1-MSPS Data Acquisition Reference Design for Single-Ended Multiplexed
Applications, TIPD173.
Figure 11 shows the expected results when driving an analog-to-digital converter at 1 MSPS with and without
buffering the INA139 or INA169 output. Without the buffer, the high impedance of the INA139 or INA169 will
react with the input capacitance and sample and hold (S/H) capacitance of the analog-to-digital converter and will
not allow the S/H to reach the correct final value before it is reset and the next conversion starts. Adding the
buffer amplifier significantly reduces the output impedance driving the S/H and allows for higher conversion rates
than can be achieved without adding the buffer.
8.2.1.3 Application Curve
Figure 11. Driving an ADC With and Without a Buffer
8.2.2 Output Filter
Figure 12. Output Filter
8.2.2.1 Design Requirements
Filter the output of the INA139 or INA169 devices.
8.2.2.2 Detailed Design Procedure
A low-pass filter can be formed at the output of the INA139 or INA169 devices simply by placing a capacitor of
the desired value in parallel with the load resistor. First determine the value of the load resistor needed to
achieve the desired gain. See the table in Figure 9. Next, determine the capacitor value that will result in the
desired cutoff frequency according to the equation shown in Figure 12. Figure 13 illustrates various combinations
of gain settings (determined by RL) and filter capacitors.
12
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com