Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments INA169NA/3K Datasheet HTML 10Page - Texas Instruments INA169NA/3K Datasheet HTML 11Page - Texas Instruments INA169NA/3K Datasheet HTML 12Page - Texas Instruments INA169NA/3K Datasheet HTML 13Page - Texas Instruments INA169NA/3K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VOLTAGE GAIN
EXACT R L (Ω)
NEAREST 1% RL (Ω)
1
1k
1k
2
2k
2k
5
5k
4.99k
10
10k
10k
20
20k
20k
50
50k
49k
100
100k
100k
Shunt
R
S
INA139
2
1
OUT
Q1
R
L
I
O
+
V
O
–
Load
R
G1
1kΩ
R
G2
1kΩ
V
IN+
V
IN–
3
4
I
S
V+
5
NOTE: (1) Maximum V
P and V+ voltage is 60V with the INA169.
V+ power can be
common or
independent of
load supply.
2.7V ≤ (V+) ≤ 40V(1)
V
P
Load Power Supply
+2.7V to 40V(1)
INA139, INA169
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Operation
Figure 9 illustrates the basic circuit diagram for both the INA139 and INA169. Load current IS is drawn from
supply VS through shunt resistor RS. The voltage drop in shunt resistor VS is forced across RG1 by the internal
operational amplifier, causing current to flow into the collector of Q1. The external resistor RL converts the output
current to a voltage, VOUT, at the OUT pin.
The transfer function for the INA139 is given by Equation 3:
IO = gm(VIN+ – VIN–)
(3)
where gm = 1000 µA/V.
In the circuit of Figure 9, the input voltage, (VIN+ – VIN–), is equal to IS × RS and the output voltage, VOUT, is equal
to IO × RL. The transconductance, gm, of the INA139 is 1000 µA/V. The complete transfer function for the current
measurement amplifier in this application is given by Equation 4:
VOUT = (IS) (RS) (1000 µA/V) (RL)
(4)
The maximum differential input voltage for accurate measurements is 0.5 V, which produces a 500-µA output
current. A differential input voltage of up to 2 V will not cause damage. Differential measurements (pins 3 and 4)
must be unipolar with a more-positive voltage applied to pin 3. If a more-negative voltage is applied to pin 3, the
output current, IO, is zero, but it will not cause damage.
Figure 9. Basic Circuit Connections
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com