Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/3K Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 4Page - Texas Instruments INA169NA/3K Datasheet HTML 5Page - Texas Instruments INA169NA/3K Datasheet HTML 6Page - Texas Instruments INA169NA/3K Datasheet HTML 7Page - Texas Instruments INA169NA/3K Datasheet HTML 8Page - Texas Instruments INA169NA/3K Datasheet HTML 9Page - Texas Instruments INA169NA/3K Datasheet HTML 10Page - Texas Instruments INA169NA/3K Datasheet HTML 11Page - Texas Instruments INA169NA/3K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
VIN+
VIN-
V+
OUT
GND
INA139, INA169
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The INA139 and INA169 devices are comprised of a high voltage, precision operational amplifier, precision thin
film resistors trimmed in production to an absolute tolerance and a low noise output transistor. The INA139 and
INA169 devices can be powered from a single power supply and their input voltages can exceed the power
supply voltage. The INA139 and INA169 devices are ideal for measuring small differential voltages, such as
those generated across a shunt resistor in the presence of large, common-mode voltages. See Functional Block
Diagram, which illustrates the functional components within both the INA139 and INA169 devices.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Voltage Range
The output of the INA139 is a current, which is converted to a voltage by the load resistor, RL. The output current
remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the input
common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage compliance is limited by the lower of Equation 1 and Equation 2.
Vout max = (V+) – 0.7 V – (VIN+ – VIN–)
(1)
or
Vout max = VIN– – 0.5 V
(2)
(whichever is lower)
7.3.2 Bandwidth
Measurement bandwidth is affected by the value of the load resistor, RL. High gain produced by high values of
RL will yield a narrower measurement bandwidth (see Typical Characteristics). For widest possible bandwidth,
keep the capacitive load on the output to a minimum. Reduction in bandwidth due to capacitive load is shown in
the Typical Characteristics.
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com