Electronic Components Datasheet Search
  English  ▼

X  

OPA4316 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4316 Datasheet HTML 1Page - Texas Instruments OPA4316 Datasheet HTML 2Page - Texas Instruments OPA4316 Datasheet HTML 3Page - Texas Instruments OPA4316 Datasheet HTML 4Page - Texas Instruments OPA4316 Datasheet HTML 5Page - Texas Instruments OPA4316 Datasheet HTML 6Page - Texas Instruments OPA4316 Datasheet HTML 7Page - Texas Instruments OPA4316 Datasheet HTML 8Page - Texas Instruments OPA4316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: OPA316-Q1 OPA2316-Q1 OPA4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings ............................................................ 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information: OPA316-Q1 ............................ 7
6.5
Thermal Information: OPA2316-Q1 .......................... 8
6.6
Thermal Information: OPA4316-Q1 .......................... 9
6.7
Electrical Characteristics......................................... 10
6.8
Typical Characteristics ............................................ 12
7
Detailed Description ............................................ 18
7.1
Overview ................................................................. 18
7.2
Functional Block Diagram ....................................... 18
7.3
Feature Description................................................. 18
7.4
Device Functional Modes........................................ 20
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Application .................................................. 22
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Related Links ........................................................ 27
11.3
Receiving Notification of Documentation Updates 27
11.4
Community Resources.......................................... 27
11.5
Trademarks ........................................................... 27
11.6
Electrostatic Discharge Caution ............................ 27
11.7
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Original (November 2016) to Revision A
Page
•
Changed CDM classification reduced from C6 ..................................................................................................................... 1
•
Deleted OPA2316S-Q1 package and body size information from Device Information table ................................................ 1
•
Deleted SC70 (5) (OPA316-Q1), DFN (8), MSOP (8), SOIC (8) (OPA2316-Q1), and SOIC (14) packages
(OPA4316-Q1) from the Device Information table, Thermal Information tables, and pinout diagrams.................................. 1
•
Deleted OPA2316S-Q1 pin diagram and Pin Functions table in Pin Configurations and Functions section ........................ 3
•
Deleted D (SOIC) package from OPA4316-Q1 pin diagram in Pin Configurations and Functions section .......................... 5
•
Changed CDM rating from ±1500 V to ±750 V ...................................................................................................................... 6
•
Deleted OPA2316S-Q1 device thermal information in the Thermal Information table .......................................................... 7
•
Added thermal information for OPA4316-Q1 device .............................................................................................................. 9
•
Deleted the literature numbers in parentheses from the format of TI document references in the Documentation
Support section .................................................................................................................................................................... 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com