Electronic Components Datasheet Search
  English  ▼

X  

OPA4316 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA4316 Datasheet HTML 17Page - Texas Instruments OPA4316 Datasheet HTML 18Page - Texas Instruments OPA4316 Datasheet HTML 19Page - Texas Instruments OPA4316 Datasheet HTML 20Page - Texas Instruments OPA4316 Datasheet HTML 21Page - Texas Instruments OPA4316 Datasheet HTML 22Page - Texas Instruments OPA4316 Datasheet HTML 23Page - Texas Instruments OPA4316 Datasheet HTML 24Page - Texas Instruments OPA4316 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
21
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
www.ti.com
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
Product Folder Links: OPA316-Q1 OPA2316-Q1 OPA4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 General Configurations
When receiving low-level signals, the device often requires limiting the bandwidth of the incoming signals into the
system. The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting pin of the
amplifier, as Figure 39 shows.
Figure 39. Single-Pole Low-Pass Filter
If even more attenuation is needed, the device requires a multiple-pole filter. The Sallen-Key filter can be used
for this task, as Figure 40 shows. For best results, the amplifier must have a bandwidth that is eight to 10 times
the filter frequency bandwidth. Failure to follow this guideline can result in phase shift of the amplifier.
Figure 40. Two-Pole, Low-Pass, Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com