Electronic Components Datasheet Search
  English  ▼

X  

OPA4316 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4316 Datasheet HTML 1Page - Texas Instruments OPA4316 Datasheet HTML 2Page - Texas Instruments OPA4316 Datasheet HTML 3Page - Texas Instruments OPA4316 Datasheet HTML 4Page - Texas Instruments OPA4316 Datasheet HTML 5Page - Texas Instruments OPA4316 Datasheet HTML 6Page - Texas Instruments OPA4316 Datasheet HTML 7Page - Texas Instruments OPA4316 Datasheet HTML 8Page - Texas Instruments OPA4316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
www.ti.com
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
Product Folder Links: OPA316-Q1 OPA2316-Q1 OPA4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA316-Q1 DBV Package
5-Pin SOT-23
Top View
Pin Functions: OPA316-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
4
I
Inverting input
+IN
3
I
Noninverting input
V–
2
—
Negative supply or ground (for single-supply operation).
V+
5
—
Positive supply
OUT
1
O
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com