Electronic Components Datasheet Search
  English  ▼

X  

OPA4316 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4316 Datasheet HTML 9Page - Texas Instruments OPA4316 Datasheet HTML 10Page - Texas Instruments OPA4316 Datasheet HTML 11Page - Texas Instruments OPA4316 Datasheet HTML 12Page - Texas Instruments OPA4316 Datasheet HTML 13Page - Texas Instruments OPA4316 Datasheet HTML 14Page - Texas Instruments OPA4316 Datasheet HTML 15Page - Texas Instruments OPA4316 Datasheet HTML 16Page - Texas Instruments OPA4316 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
-3
-2
-1
0
1
2
3
0
10
20
30
40
50
60
I
out (mA)
C001
-40°C
125°C
25°C
85°C
-40°C
25°C
125°C
85°C
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
Frequency (Hz)
PSRR
CMRR
C011
0
1
10
100
1000
10000
100000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
-20
-15
-10
-5
0
5
10
15
20
25
10k
100k
1M
10M
100M
Frequency (Hz)
G = +1
G = +10
G = -1
C007
-50
-25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = 1.8 V
V
S = 5.5 V
-50
-25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = 5.5 V
V
S = 1.8 V
13
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
www.ti.com
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
Product Folder Links: OPA316-Q1 OPA2316-Q1 OPA4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
RL = 10 kΩ
Figure 7. Open-Loop Gain vs Temperature
RL = 2 kΩ
Figure 8. Open-Loop Gain vs Temperature
Figure 9. Closed-Loop Gain vs Frequency
Figure 10. Input Bias and Offset Current vs Temperature
V+ = 2.75 V, V– = –2.75 V
Figure 11. Output Voltage Swing vs Output Current
Figure 12. CMRR and PSRR vs Frequency
(Referred to Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com