Electronic Components Datasheet Search
  English  ▼

X  

TSC2301 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 9Page - Texas Instruments TSC2301 Datasheet HTML 10Page - Texas Instruments TSC2301 Datasheet HTML 11Page - Texas Instruments TSC2301 Datasheet HTML 12Page - Texas Instruments TSC2301 Datasheet HTML 13Page - Texas Instruments TSC2301 Datasheet HTML 14Page - Texas Instruments TSC2301 Datasheet HTML 15Page - Texas Instruments TSC2301 Datasheet HTML 16Page - Texas Instruments TSC2301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
www.ti.com
609
609.2
609.4
609.6
609.8
610
610.2
610.4
610.6
610.8
611
2.5
3
3.5
Vdd (V)
720
722
724
726
728
730
2.5
3
3.5
Vdd (V)
8.5
8.6
8.7
8.8
8.9
9
2.5
3
3.5
Vdd (V)
0
0.075
0.15
0.225
0.3
0.375
0.45
2.5
3
3.5
Vdd (V)
3
3.25
3.5
3.75
4
4.25
4.5
2.5
3
3.5
Vdd (V)
1.0836
1.0857
1.0878
1.0899
2.5
3
3.5
Vdd (V)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
TEMP2 DIODE VOLTAGE
TEMP1 DIODE VOLTAGE
INTERNAL OSCILLATOR
vs
vs
FREQUENCY
SUPPLY VOLTAGE
SUPPLY VOLTAGE
vs
SUPPLY VOLTAGE
Figure 25.
Figure 26.
Figure 27.
DAC MAXIMUM CURRENT
PD SUPPLY CURRENT
INL MAXIMUM
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 28.
Figure 29.
Figure 30.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com