Electronic Components Datasheet Search
  English  ▼

X  

TSC2301 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 25Page - Texas Instruments TSC2301 Datasheet HTML 26Page - Texas Instruments TSC2301 Datasheet HTML 27Page - Texas Instruments TSC2301 Datasheet HTML 28Page - Texas Instruments TSC2301 Datasheet HTML 29Page - Texas Instruments TSC2301 Datasheet HTML 30Page - Texas Instruments TSC2301 Datasheet HTML 31Page - Texas Instruments TSC2301 Datasheet HTML 32Page - Texas Instruments TSC2301 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
www.ti.com
TSC2301 TOUCH SCREEN CONTROL REGISTERS
TSC2301 ADC Control Register (Page 1, Address 00H)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
This section describes each of the registers shown in the memory map of Figure 54. The registers are grouped
according to the function they control. In the TSC2301, bits in control registers can refer to slightly different
functions depending upon whether you are reading the register or writing to it. A summary of all registers and bit
locations is shown in Table 4.
The ADC in the TSC2301 is shared between all the different functions. A control register determines which input
is selected, as well as other options. The result of the conversion is placed in one of the result registers in Page
0 of memory, depending upon the function selected.
The ADC control register controls several aspects of the ADC. The register is formatted as follows:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
PSM
STS
AD3
AD2
AD1
AD0
RS1
RS0
AV1
AV0
CL1
CL0
PV2
PV1
PV0
X
Bit 15 — PSM
Pen Status/Control Mode. Reading this bit allows the host to determine if the screen is touched. Writing to this bit
determines the mode used to read coordinates: host controlled or under control of the TSC2301 responding to a
screen touch. When reading, the PENSTS bit indicates if the pen is down or not. When writing to this register,
this bit determines if the TSC2301 controls the reading of coordinates, or if the coordinate conversions are
host-controlled. The default state is host-controlled conversions (0).
Table 5. PSM Bit Operation
PSM
Read/Write
Value
Description
Read
0
No screen touch detected (default)
Read
1
Screen touch detected
Write
0
Conversions controlled by host
Write
1
Conversions controlled by TSC2301
Bit 14 — STS
ADC Status. Reading this bit indicates if the converter is busy. Writing a 0 to this bit causes the touch screen
scans to continue until either the pen is lifted or the process is stopped. Continuous scans or conversions can be
stopped by writing a 1 to this bit. This immediately halts a conversion (even if the pen is still down) and causes
the ADC to power down. The default state is continuous conversions, but if this bit is read after a reset or
power-up, it reads 1.
Table 6. STS Bit Operation
STS
Read/Write
Value
Description
Read
0
Converter is busy
Read
1
Converter is not busy (default)
Write
0
Normal operation
Write
1
Stop conversion and power down
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com