Electronic Components Datasheet Search
  English  ▼

X  

TSC2301 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2301 Datasheet HTML 1Page - Texas Instruments TSC2301 Datasheet HTML 2Page - Texas Instruments TSC2301 Datasheet HTML 3Page - Texas Instruments TSC2301 Datasheet HTML 4Page - Texas Instruments TSC2301 Datasheet HTML 5Page - Texas Instruments TSC2301 Datasheet HTML 6Page - Texas Instruments TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
www.ti.com
Ω
30k
Ω
20k
+20 to - 40dB,
0.5dB Steps
Σ∆
ADC
Mute, 0db, 6dB, 12dB
Σ∆
DAC
Headphone
Driver
Σ∆
DAC
Headphone
Driver
Digital
Audio
Processing
I2S
INTERFACE
Control
Interface
OSC
S
S
AVDD
VCM
AGND
RLINEIN
MICIN
LLINEIN
HPGND
HPVDD
HPR
VOUTR
VOUTL
HPL
COI
COO
SPISEL
SPIDIN
SPICLK
SPIDO
DAV
MCLK
LRCLK
I2SDIN
I2SDOUT
BCLK
PENIRQ
+20 to - 40dB,
0.5dB Steps
Σ∆
ADC
S
S
+12dB to -
35dB
0.5dB steps
X-
X+
Y-
Y+
Touch
Pannel
Drivers
Temp
Sensor
VBAT2
VBAT1
AUX2
AUX1
Battery
Monitor
Battery
Monitor
ADC
SAR
C1 C2
C3 C4
R1 R2
R3
R4
Keypad Scanner and State Control
CONTROL
LOGIC
&
SPI
INTERFACE
DAC
DACOUT
DACSET
Internal 2.5V/
1.25V Reference
VREFIN
MONO+
MONO-
KBIRQ
Digital Gain
0 to - 63.5dB
0.5dB Steps
Digital Gain
0 to - 63.5dB
0.5dB Steps
POL
RESET
VREF+
VREF-
317Ω
317Ω
GPIO_0
GPIO_1
GPIO_2
GPIO_3
GPIO_4
GPIO_5/CLKO
GPIO
INTERFACE
DGND (2)
DVDD (2)
AFILTR
AFILTL
AVDD - 1V
MICBIAS
And
PLL
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com