Electronic Components Datasheet Search
  English  ▼

X  

TSC2301 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2301 Datasheet HTML 1Page - Texas Instruments TSC2301 Datasheet HTML 2Page - Texas Instruments TSC2301 Datasheet HTML 3Page - Texas Instruments TSC2301 Datasheet HTML 4Page - Texas Instruments TSC2301 Datasheet HTML 5Page - Texas Instruments TSC2301 Datasheet HTML 6Page - Texas Instruments TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
OPERATING
ORDERING
TRANSPORT MEDIA
DESIGNATOR
TEMPERATURE RANGE
NUMBER
QUANTITY
TSC2301IPAG
Trays, 160
TQFP-64
PAG
TSC2301IPAGR
Tape and reel, 1500
TSC2301IGQZ
Trays, 250
TSC2301I
GQZ
–40°C to 85°C
TSC2301IGQZR
Tape and reel, 2500
VFBGA-120
TSC2301IZQZ
Trays, 250
ZQZ
TSC2301IZQZR
Tape and reel, 2500
over operating free-air temperature range unless otherwise noted(1)
TSC2301
Supply voltage
AVDD, HPVDD, DVDD
4 V
Ground voltage differences
AGND, DGND
±0.1 V
Digital input voltage
-0.3 V to (DVDD + 0.3 V)
Analog input voltage
-0.3 V to (AVDD + 0.3 V)
Ambient temperature under bias, TA
-40°C to 125°C
Storage temperature, Tstg
-55°C to 150°C
Junction temperature, TJ
150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com