Electronic Components Datasheet Search
  English  ▼

X  

LCL Datasheet(PDF) 4 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 4 Page - XP Power Limited

  LCL Datasheet HTML 1Page - XP Power Limited LCL Datasheet HTML 2Page - XP Power Limited LCL Datasheet HTML 3Page - XP Power Limited LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
xppower.com
4
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
85
88
%
230 VAC full load, See fig 5, 6 & 7
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
500
Switching Frequency
45
190
kHz
PFC Converter
LCL150
90
110
Main Converter
62
65
PFC Converter
LCL300 & LCL500
80
190
Main converter
Power Density
2.7
W/in
3
LCL150
4.4
LCL300
4.9
LCL500
MTBF
200
kHrs
MIL-HDBK-217F at 25 ˚C, GB
Weight
1.39 (630)
lb (g)
LCL150
See mechanical details
1.94 (880)
lb (g)
LCL300
3.2 (1.45)
lb (kg)
LCL500
Output Overload Characteristics
23.6
23.7
23.8
23.9
24
24.1
13
13.256
13.512
13.768
14.024
14.28
14.536
14.792
15.048
Current (A)
100%
102%
104%
106%
108%
110%
112%
114%
116%
Percent Overload
90Vac
115Vac
230Vac
264Vac
Unit enters hiccup mode
Figure 3 - LCL300PS24
47.5
47.6
47.7
47.8
47.9
48
48.1
10.5
10.75
11
11.25
11.5
11.75
12
12.25
12.5
Current (A)
100%
103%
105%
108%
110%
113%
115%
118%
120%
Percent Overload
90Vac
115Vac
230Vac
264Vac
Unit enters hiccup mode
Figure 4 - LCL500PS48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com