Electronic Components Datasheet Search
  English  ▼

X  

LCL Datasheet(PDF) 1 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 1 Page - XP Power Limited

  LCL Datasheet HTML 1Page - XP Power Limited LCL Datasheet HTML 2Page - XP Power Limited LCL Datasheet HTML 3Page - XP Power Limited LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LCL Series
•
SIngle Output Industrial Supplies
•
High Efficiency
•
Low Cost
•
150 W Convection Cooled
•
300 W & 500 W with Internal Fans
•
Outputs form 12 V to 48 V
•
3 Year Warranty
The LCL series is a low cost chassis mount product that is popular in industrial applications. The AC/DC supplies are enclosed in a
metal case with terminal block input and output connectors. Three series offer 150, 300 and 500 Watts. Each power range includes
six single output models from 12 to 48 VDC. The user adjustable outputs cover all nominal voltage ranges. The LCL150 is convection
cooled while the 300 and 500 Watt have internal fans.
All LCL models are approved to ITE (60950-1) safety standards and meet EN55022 Level B conducted emissions. Operating
temperature range is from -10 °C to +70 °C with derating above +50 °C. Standard features include overvoltage, overload, short
circuit, and over temperature protection. Remote sense is included on the LCL500 with Remote On/Off available with the LCL300 and
LCL500.


Similar Part No. - LCL

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL0402-L RFHIC-LCL0402-L Datasheet
188Kb / 3P
MCM LNA
LCL0402-L RFHIC-LCL0402-L Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL0902-L RFHIC-LCL0902-L Datasheet
188Kb / 3P
MCM LNA
LCL0902-L RFHIC-LCL0902-L Datasheet
177Kb / 4P
Multichip Hybrid Module
More results

Similar Description - LCL

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
50-150W Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com