Electronic Components Datasheet Search
  English  ▼

X  

LCL Datasheet(PDF) 12 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 12 Page - XP Power Limited

Back Button LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited LCL Datasheet HTML 10Page - XP Power Limited LCL Datasheet HTML 11Page - XP Power Limited LCL Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3-July-14
Mechanical Details
12
Mechanical Details - LCL300
LCL500
xppower.com
Weight: 1.94 lbs (880g) approx.
Dimensions shown in inches (mm).
Tolerance is ±0.05 (±0.2) maximum.
Airflow direction is out of the unit at fan.
J1 Pin Connections
Pin
Function
1
+Vout
2
+Vout
3
+Vout
4
-Vout
5
-Vout
6
-Vout
7
Ground
8
AC Neutral
9
AC Live
Weight: 3.2 lbs (1.45 kg) approx.
Dimensions shown in inches (mm).
Tolerance is ±0.05 (±0.2) maximum.
Applying >4.5 V to Pin 2 with
respect to Pin 1 turns output off.
Applying <0.8 V to Pin 2 with
respect to Pin 1 or open circuit
turns output on.
Mating Connectors (J2):
WST P4-I25002 housing
WST I25002BS contacts
J1 Pin Connections
Pin
Function
1
+Vout
2
+Vout
3
+Vout
4
-Vout
5
-Vout
6
-Vout
7
Ground
8
AC Neutral
9
AC Live
J2 Pin Connections
Pin
Function
1
Remote Control -
2
Remote Control +
3
Sense -
4
Sense +
1.97
(50.0)
0.63
(16.0)
8.07 (205.0)
1.97
(50.0) 0.94
(24.0)
0.63 (16.0)
6.81 (173.0)
6.81 (173.0)
1.97
(50.0)
0.98
(25.0)
0.50
(12.5)
4.33
(110.0)
7.44 (189.0)
J1
9
1
Terminal Block, M4 Screw 9 pins 0.37 (9.5) centre
3 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
3 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
1.41
(36.0)
2.08
(53.0)
0.60
(15.0)
1.00
(25.5)
5.00
(127.0)
9.21 (234.0)
9.84 (250.0)
7.75 (197.0)
0.60
(15.0)
1.00
(25.5)
1.41
(0.36)
7.75 (197.0)
1.41
(36.0)
3.54
(90.0)
J1
J2
9
1
1
4
Terminal Block, M4 Screw 9 pins 0.37 (9.5) centre
AIRFLOW
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com