Electronic Components Datasheet Search
  English  ▼

X  

LCL Datasheet(PDF) 11 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 11 Page - XP Power Limited

Back Button LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited LCL Datasheet HTML 10Page - XP Power Limited LCL Datasheet HTML 11Page - XP Power Limited LCL Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
xppower.com
11
Safety Agency Approvals
Safety Agency
Safety Standard
Category
CB Report
US/14041/UL IEC 60950-1 (2005) Ed 2 E139109-A27-CB-1
Information Technology
LCL150
US/14236/UL IEC 60950-1 (2005) Ed 2 E139109-A29-CB-1
LCL300
US/14254/UL IEC 60950-1 (2005) Ed 2 E139109-A28-CB-1
LCL500
UL
UL File #E139109 UL60950-1(2007) CSA 22.2 No. 60950-1-07 Ed 2
Information Technology
TUV
TUV Certificate #B09 07 57396 061 EN60950-1/A11:2009
Information Technology
LCL150
TUV Certificate #B09 07 57396 062 EN60950-1/A11:2009
LCL300
TUV Certificate #B09 07 57396 063 EN60950-1/A11:2009
LCL500
Equipment Protection Class
Safety Standard
Notes & Conditions
Class I
IEC 60950-1-2005 Ed 2
See safety agency conditions of acceptability for details
Pin
Function
1
+Vout
2
+Vout
3
-Vout
4
-Vout
5
Ground
6
AC Neutral
7
AC Live
Notes:
Weight: 1.39 lbs (630g) approx.
Dimensions shown in inches (mm).
Tolerance is ±0.05 (±0.2) maximum.
Mechanical Details - LCL150
1.02
(26.0)
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
1.97
(50.0)
0.90
(23.0)
0.57
(14.5)
4.64 (118.0)
0.57
(14.5)
0.90
(23.0)
4.64
(118.0)
1.02
(26.0)
7.55 (192.0)
Terminal Block, M4 Screw 7 pins 0.37 (9.5) centre
3.74
(95.0)
J1
2.44 (62.0)
2.83 (72.0)
7
1
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
2 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com