Electronic Components Datasheet Search
  English  ▼

X  

ADA4571-2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4571-2 Datasheet HTML 1Page - Analog Devices ADA4571-2 Datasheet HTML 2Page - Analog Devices ADA4571-2 Datasheet HTML 3Page - Analog Devices ADA4571-2 Datasheet HTML 4Page - Analog Devices ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADA4571-2
Data Sheet
Rev. 0 | Page 4 of 13
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply Rejection Ratio3
PSRR
Measured as a dc output variation from
VDD/2, VDD = 3 V to 5.5 V, RL = 200 kΩ to
GNDx, GCx = GNDx or VDD
80
dB
Output Short-Circuit Current
Per Channel
ISC
Short to GNDx per pin (VSINx, VCOSx) per
channel
15
20
mA
Short to VDDx per pin (VSINx, VCOSx) per
channel
−15
−18
mA
POWER SUPPLY
Supply Voltage
VDD
3
5.5
V
Quiescent Supply Current Per
Channel
ISY
PDx = GNDx, GCx = GNDx, no load, VDD1
and VDD2
3.5
4.5
6.5
mA
PDx = GNDx, GCx = VDD, no load, VDD1 and
VDD2
7
mA
PDx = VDD, no load, VDD1 and VDD2
15
μA
Power-Up Time
tPWRUP
To 98% of desired output level after VDD is
reached
150
μs
To 98% of desired output level after PDx
cycling
100
μs
DIGITAL INPUTS
Input Bias Current
GC1, GC2
IB_GC
For GCx mode control pin, GCx = GNDx
30
μA
For GCx mode control pin, GCx = VDD
3
μA
PD1, PD2
IB_PD
For PDx pin, PDx = GNDx
3
μA
For PDx pin, PDx = VDD
30
μA
Input Voltage (GC1, GC2, PD1
and PD2)
High
VIH
1.4
V
Low
VIL
0.35
V
TEMPERATURE SENSOR (VTEMP1,
VTEMP2)
Error Over Temperature
TERR
5
°C
Temperature Voltage Range
TRANGE
TA = −40°C to +150°C
0
82
% VDD
Temperature Coefficient
Tempco
3.173
mV/V/°C
VTEMPx
Output Voltage
TA = 25°C
18
40
% VDD
Output Impedance
Buffered output
50
Ω
Load Capacitance
Optional load capacitance
0
22
nF
Short-Circuit Current
ISC_VTEMP
Short-circuit to VDDx or GNDx
2
mA
LOAD CAPACITOR
External Load Capacitance
CL
Between VSINx to GNDx and VCOSx to
GNDx; solder close to package
10
nF
1 αUNCORR is the total mechanical angular error after arctan computation. This parameter is 100% production tested at 25°C and 150°C. This error includes all sources of
error over temperature before calibration. Error components such as offset, amplitude synchronism, amplitude synchronism drift, thermal offset drift, phase error,
hysteresis, orthogonality error, and noise are included.
2 αCAL is the total mechanical angular error after arctan computation. This error includes all sources of error over temperature after an initial offset (nulling) is performed
at TA = 25°C. Error components such as amplitude synchronism drift, amplifier gain matching, thermal offset drift, phase error, hysteresis, orthogonality error, and
noise are included.
3 Guaranteed through characterization.
4 αDYNAMIC is the total mechanical angular error after arctan computation. This parameter is 100% production tested. This error includes all sources of error over
temperature after a continuous background calibration is performed to correct offset and amplitude synchronism errors. Error components such as phase error,
hysteresis, orthogonality error, noise, and lifetime drift are included.
5 Peak-to-peak amplitude mismatch. k = 100 × VSINx/VCOSx.
6 Rotation frequency dependent phase error, after offset correction, amplitude calibration, and arctan calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com