Electronic Components Datasheet Search
  English  ▼

X  

ADA4571-2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4571-2 Datasheet HTML 1Page - Analog Devices ADA4571-2 Datasheet HTML 2Page - Analog Devices ADA4571-2 Datasheet HTML 3Page - Analog Devices ADA4571-2 Datasheet HTML 4Page - Analog Devices ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADA4571-2
Rev. 0 | Page 3 of 13
SPECIFICATIONS
MAGNETIC CHARACTERISTICS
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MINIMUM MAGNETIC
FIELD STRENGTH
HEXT
25
kA/m
The stimulating magnetic field in the x-y sensor plane necessary to
ensure the minimum error, as specified in this table and in Table 2
MAXIMUM ROTATIONAL
FREQUENCY
30,000
rpm
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ +150°C, VDD = 3 V to 5.5 V, CL = 10 nF to GNDx, RL = 5 kΩ to GNDx; angle inaccuracies referred to homogenous magnetic
field of 25 kA/m; output signals and offset voltages are related to the common-mode level of VDD/2, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ANGULAR PERFORMANCE
Angle Measurement Range
0
180
Degrees
Uncorrected Angular Error1
αUNCORR
TA = −40°C
±2
±7
Degrees
TA = 25°C
±2
±7
Degrees
TA = 150°C
±2
±7
Degrees
Single-Point Calibration Angular
Error2, 3
αCAL
TA = −40°C to +150°C, GCx = GNDx
±0.5
Degrees
TA = −40°C to +150°C, GCx = VDD
±0.4
Degrees
Dynamic Angular Error4
αDYNAMIC
VDD = 3 V, TA = −40°C to +150°C, rotation
frequency = 2000 rpm
±0.1
±0.5
Degrees
VDD = 5 V, TA = −40°C to +150°C, rotation
frequency = 2000 rpm
±0.1
±0.4
Degrees
OUTPUT PARAMETERS
Peak-to-Peak Voltage
VPP
GCx = GNDx
TA = −40°C
63
75
% VDD
TA = 25°C
41
53
% VDD
TA = 125°C
21
33
% VDD
TA = 150°C
18
30
% VDD
GCx = VDDx
TA = −40°C
56
77
% VDD
TA = 25°C
52
72
% VDD
TA = 125°C
38
57
% VDD
TA = 150°C
35
55
% VDD
Output Voltage Range
VO_SWING
VSIN1, VSIN2, VCOS1, and VCOS2; normal
operation
7
93
% VDD
Output Voltage Low
VOL
VSIN1, VSIN2, VCOS1, or VCOS2; broken
bond wire detected
5
% VDD
Output Referred Offset Voltage
VOFFSET
GCx = VDDx
3.75
% VDD
GCx = GNDx
3.75
% VDD
Amplitude Synchronism Error5
k
−1
±0.1
+1
% peak
Delay Time
tDEL
Rotation frequency = 30,000 rpm
2
μs
Phase Error6
ΦERR
Rotation frequency = 30,000 rpm
0.8
Degrees
Orthogonality Error3
OE
0.025
Degrees
Output Noise
VNOISE
Bandwidth (BW) = 80 kHz, referred to
output (RTO)
500
μV rms
Output Series Resistance
RO
Normal operation, PDx = GNDx
60
Ω
PDx = VDD
63
kΩ
Output −3 dB Cutoff Frequency3
f−3 dB
Amplifier BW, CL = 10 pF
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com