Electronic Components Datasheet Search
  English  ▼

X  

ADA4571-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4571-2 Datasheet HTML 3Page - Analog Devices ADA4571-2 Datasheet HTML 4Page - Analog Devices ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices ADA4571-2 Datasheet HTML 10Page - Analog Devices ADA4571-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADA4571-2
Rev. 0 | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
93% VDD
VCOS
VSIN
50% VDD
7% VDD
0
90
180
270
360
VOFFSET
VPP
MAGNETIC ANGLE, α (Degrees)
Figure 3. Raw Output Waveforms
–0.5
–0.4
–0.3
–0.1
–0.2
0
0.1
0.3
0.4
0.2
0.5
0
45
90
135
180
225
270
315
360
MECHANICAL ANGLE (Degrees)
Figure 4. Error Waveform After Offset and Amplitude Correction, Assuming
Homogeneous Aligned Magnetic Field Over One Channel
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
UNCORRECTED ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
Figure 5. Uncorrected Angular Error
0
0.05
0.10
0.20
0.15
0.25
0.30
0.35
0.40
–40
0
40
80
120
TEMPERATURE (°C)
Figure 6. Single-Point Calibration Angular Error, Assuming Homogeneous
Aligned Magnetic Field over One Channel
3
4
5
6
7
2.73.13.53.94.34.7
5.15.5
VDD (V)
Figure 7. Supply Current (ISY) Per Channel vs. Supply Voltage (VDD), TA = 25°C
4.6
4.8
5.0
5.2
5.4
5.6
5.8
–40
0
40
80
120
TEMPERATURE (°C)
GCx OFF (mA)
GCx ON (mA)
Figure 8. Supply Current (ISY) Per Channel vs. Temperature, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com