Electronic Components Datasheet Search
  English  ▼

X  

ADA4571-2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices ADA4571-2 Datasheet HTML 10Page - Analog Devices ADA4571-2 Datasheet HTML 11Page - Analog Devices ADA4571-2 Datasheet HTML 12Page - Analog Devices ADA4571-2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADA4571-2
Data Sheet
Rev. 0 | Page 12 of 13
Power Consumption
Worst case quiescent power occurs when the supply current runs at
the specified maximum of 14 mA and when the ADA4571-2 is
run at the maximum VDD of 5.5 V, resulting in a worst case
quiescent power of 77 mW.
The power consumption is dependent on VDD, temperature,
load resistance (RL), load capacitance (CL), and frequency of the
rotating magnetic field. It is recommended to connect RL and CL
to ground. The output voltages are protected against short circuits
to the VDDx pin or ground by current limitation within the given
time duration. Placing the device 180° rotated into the socket
may lead to damage if the supply current is not limited to 100 mA.
Offset of Signal Outputs
The single-ended output signals are referenced to VDD/2 and are
generated internally on chip. Offsets originate from matching
inaccuracies and other imperfections during the production
process. For tight tolerances, it is required to match the external
loads for VSINx and VCOSx to each other. For ESD and EMC
protection, the outputs contain a series resistance of 60 Ω. A
large output load resistance minimizes the influence of this
series resistance.
Signal Dependence on Air Gap Distance
The device measures the direction of the external magnetic
field within the x-y plane. This measurement result is widely
independent of the field strength, if it is greater than the specified
minimum value of 25 kA/m. Within a homogeneous field in the
x-y direction, the result is independent of the placement in the
z direction (air gap). The nominal z distance of the internal x-y
plane to the top surface of the plastic package is 0.400 mm.
DIAGNOSTICS
Broken Bond Wire Detection
The ADA4571-2 includes circuitry to detect broken bond wire
conditions between the AMR sensor and the instrumentation
amplifier. The detection circuitry consists of current sources and
window comparators placed on the signal connections between
the AMR sensor and the ASIC. The purpose of the current sources
is to pull the signal node outside of the normal operating region
in the event of an open bond wire between the AMR sensor and
the ASIC. The purpose of the window comparators is to detect
when the signal from the AMR sensor is outside of the normal
operating region. When the comparators detect that the signal
nodes are outside of the normal operating region, the circuit
pulls the VSINx and/or VCOSx node to ground to indicate the
fault to the host controller.
In addition to the active circuitry, there are applications
recommendations, such as the use of pull-up and pull-down
resistors, which detect broken bond wires by pulling nodes
outside of the defined operating regions. A broken bond wire at
VTEMPx, VCOSx, or VSINx interrupts the corresponding
outputs. To ensure that the output enters into a known state if
there is a broken bond wire on these pins, connect a 200 kΩ
pull-down resistor at these pins. Pulling these nodes outside of
the normal operating region signals a fault to the host controller.
Short-Circuit Condition to GNDx or VDDx
In the event of a short-circuit condition, the output voltages are
pulled to the GNDx pin or the VDDx pin.
Short Circuit Between Sine and Cosine Sensor Outputs
In the event of a short circuit between sensor outputs, the
device output voltages are tied to the output common-mode
voltage. A gross angular error is detected in the microcontroller.
100%
93%
LINEAR REGION
SHORT-CIRCUIT DIAGNOSTIC BAND (HIGH)
SHORT-CIRCUIT DIAGNOSTIC BAND (LOW)
7%
0%
Figure 16. Output Span Classification During Short-Circuit Diagnostic
Condition
Table 6. Diagnostic Cases
Fault Description
Output Conditions
Alert
Broken Bond Wire Between the
Internal MR Sensor and the ASIC
Broken bond wire detection is activated; the broken
channel(s), VSINx or VCOSx, are pulled to GNDx
Diagnostic region violation
Broken Bond Wire at the PDx Pin
Device remains functional
No alert
Broken Bond Wire at the GCx Pin
Gain control is activated
Possible change in output amplitude
Output Short Circuit to GNDx
Shorted channel is pulled to GNDx
Diagnostic region violation
Output Short Circuit to VDDx
Shorted channel is pulled to VDDx
Diagnostic region violation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com