Electronic Components Datasheet Search
  English  ▼

X  

ADF4356 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 5 Page - Analog Devices

  ADF4356 Datasheet HTML 1Page - Analog Devices ADF4356 Datasheet HTML 2Page - Analog Devices ADF4356 Datasheet HTML 3Page - Analog Devices ADF4356 Datasheet HTML 4Page - Analog Devices ADF4356 Datasheet HTML 5Page - Analog Devices ADF4356 Datasheet HTML 6Page - Analog Devices ADF4356 Datasheet HTML 7Page - Analog Devices ADF4356 Datasheet HTML 8Page - Analog Devices ADF4356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 5 of 35
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Normalized In-Band Phase Noise Floor
Fractional Channel5
−225
dBc/Hz
Integer Channel6
−227
dBc/Hz
Normalized 1/f Noise, PN1_f7
−121
dBc/Hz
10 kHz offset; normalized to 1 GHz
Integrated RMS Jitter (1 kHz to 20 MHz)8
97
fs
Spurious Signals Due to PFD Frequency
−85
dBc
1
VCP is the voltage at the CPOUT pin.
2
IOL is the output low current.
3
TA = 25°C; AVDD = DVDD = VRF = 3.3 V; VVCO = VP = 5.0 V; prescaler = 4/5; fREFIN = 122.88 MHz; fPFD = 61.44 MHz; and fRF = 1650 MHz.
4
RF output power using the EV-ADF4356SD1Z evaluation board is measured into a spectrum analyzer. Unused RF output pins are terminated in 50 Ω.
5
Use this value to calculate the phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output, use the following formula:
−225 + 10log(fPFD) + 20logN. The value given is the lowest noise mode for the fractional channel.
6
Use this value to calculate the phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output, use the following formula:
−227 + 10log(fPFD) + 20logN. The value given is the lowest noise mode for the integer channel.
7
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency (fRF)
and at a frequency offset (f) is given by PN = P1_f + 10log(10 kHz/f) + 20log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in the
ADIsimPLL design tool.
8
Integrated RMS jitter using the EV-ADF4356SD1Z evaluation board is measured into a spectrum analyzer. The EV-ADF4356SD1Z evaluation board is configured to
accept a single ended REFIN (SMA 100) = 160 MHz, VCO frequency = 6 GHz, PFD frequency = 80 MHz, charge pump current = 0.9 mA, and bleed current is off. The loop
filter is configured for an 80 kHz loop filter bandwidth. Unused RF output pins are terminated in 50 Ω.
TIMING CHARACTERISTICS
AVDD = DVDD =VRF = 3.3 V ± 5%, 4.75 V ≤ VP = VVCO ≤ 5.25 V, AGND = CPGND = AGNDVCO = SDGND = AGNDRF = 0 V, RSET = 5.1 kΩ, dBm referred
to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 2. Write Timing
Parameter
Limit
Unit
Description
fCLK
50
MHz max
Serial peripheral interface CLK frequency
t1
10
ns min
LE setup time
t2
5
ns min
DATA to CLK setup time
t3
5
ns min
DATA to CLK hold time
t4
10
ns min
CLK high duration
t5
10
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20 or (2/fPFD),
whichever is longer
ns min
LE pulse width
Write Timing Diagram
CLK
DATA
LE
DB31 (MSB)
DB30
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
DB2
(CONTROL BIT C3)
DB3
(CONTROL BIT C4)
Figure 2. Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com