Electronic Components Datasheet Search
  English  ▼

X  

ADF4356 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 7Page - Analog Devices ADF4356 Datasheet HTML 8Page - Analog Devices ADF4356 Datasheet HTML 9Page - Analog Devices ADF4356 Datasheet HTML 10Page - Analog Devices ADF4356 Datasheet HTML 11Page - Analog Devices ADF4356 Datasheet HTML 12Page - Analog Devices ADF4356 Datasheet HTML 13Page - Analog Devices ADF4356 Datasheet HTML 14Page - Analog Devices ADF4356 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 11 of 35
–60
–180
–160
–140
–120
–100
–80
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 16. Fractional-N Spur Performance, GSM1800 Band, RFOUTA+ =
1550.2 MHz, REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 4
Selected, Loop Filter Bandwidth = 40 kHz, Channel Spacing = 20 kHz
–60
–180
–160
–140
–120
–100
–80
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 17. Fractional-N Spur Performance, W-CDMA Band, RFOUTA+ =
2113.5 MHz, REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 2
Selected, Loop Filter Bandwidth = 40 kHz, Channel Spacing = 20 kHz
–60
–160
–150
–130
–110
–90
–70
–140
–120
–100
–80
1k
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 18. Fractional-N Spur Performance, RFOUTA+ = 2.591 GHz,
REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 2 Selected,
Loop Filter Bandwidth = 40 kHz, Channel Spacing = 20 kHz
–1
4
3
2
1
0
TIME (ms)
4150
4200
4250
4300
4350
4400
4450
4500
4550
4600
4650
1
Figure 19. Lock Time for 250 MHz Jump from 4150 MHz to 4400 MHz,
Loop Bandwidth = 23 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com