Electronic Components Datasheet Search
  English  ▼

X  

ADGS1412 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 2Page - Analog Devices ADGS1412 Datasheet HTML 3Page - Analog Devices ADGS1412 Datasheet HTML 4Page - Analog Devices ADGS1412 Datasheet HTML 5Page - Analog Devices ADGS1412 Datasheet HTML 6Page - Analog Devices ADGS1412 Datasheet HTML 7Page - Analog Devices ADGS1412 Datasheet HTML 8Page - Analog Devices ADGS1412 Datasheet HTML 9Page - Analog Devices ADGS1412 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data Sheet
ADGS1412
Rev. 0 | Page 5 of 25
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Input Current, IINL or IINH
0.001
µA typ
VIN = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ
Digital Output Capacitance, COUT
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
265
ns typ
RL = 300 Ω, CL = 35 pF
350
390
430
ns max
VS = 3 V, see Figure 34
tOFF
280
ns typ
RL = 300 Ω, CL = 35 pF
365
400
435
ns max
VS = 3 V, see Figure 34
Charge Injection, QINJ
10
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 35
Off Isolation
−76
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 30
Channel to Channel Crosstalk
−100
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 29
Total Harmonic Distortion + Noise
0.03
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to
20 kHz, see Figure 32
−3 dB Bandwidth
130
MHz typ
RL = 50 Ω, CL = 5 pF,
see Figure 33
Insertion Loss
−0.3
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 33
CS (Off)
32
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
33
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
116
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
µA typ
Digital inputs = 0 V or
VL, VL = 5.5 V
1.0
µA max
14
µA typ
All switches closed, VL = 2.7 V
20
µA max
IL
Inactive
6.3
µA typ
Digital inputs = 0 V or VL
8.0
µA max
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
ISS
0.001
µA typ
Digital inputs = 0 V or VL
1.0
µA max
VDD/VSS
±4.5/±16.5
V min/V max
GND = 0 V
1
Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com