Electronic Components Datasheet Search
  English  ▼

X  

ADGS1412 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 15Page - Analog Devices ADGS1412 Datasheet HTML 16Page - Analog Devices ADGS1412 Datasheet HTML 17Page - Analog Devices ADGS1412 Datasheet HTML 18Page - Analog Devices ADGS1412 Datasheet HTML 19Page - Analog Devices ADGS1412 Datasheet HTML 20Page - Analog Devices ADGS1412 Datasheet HTML 21Page - Analog Devices ADGS1412 Datasheet HTML 22Page - Analog Devices ADGS1412 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 18 of 25
THEORY OF OPERATION
The ADGS1412 is a set of serially controlled, quad SPST switches
with error detection features. SPI Mode 0 or SPI Mode 3 can be
used with the device, and it operates with SCLK frequencies up
to 50 MHz The default mode for the ADGS1412 is address mode
in which the registers of the device are accessed by a 16-bit SPI
command that is bounded by CS. The SPI command becomes
24 bit if the user enables CRC error detection. Other error detection
features include SCLK count error and invalid read/write error.
If any of these SPI interface errors occur, they are detectable by
reading the error flags register. The ADGS1412 can also operate
in two other modes, namely burst mode and daisy-chain mode.
The interface pins of the ADGS1412 are CS, SCLK, SDI, and SDO.
Hold CS low when using the SPI interface. Data is captured on
the SDI on the rising edge of SCLK, and data is propagated out on
the SDO on the falling edge of SCLK. SDO has an open-drain
output; thus, connect a pull-up to this output. When not pulled
low by the ADGS1412, SDO is in a high impedance state.
ADDRESS MODE
Address mode is the default mode for the ADGS1412 upon
power up. A single SPI frame in address mode is bounded by
a CS falling edge and the succeeding CS rising edge. It is comprised
of 16 SCLK cycles. The timing diagram for address mode is shown
in Figure 36. The first SDI bit indicates if the SPI command is a
read or write command. When the first bit is set to 0, a write
command is issued, and if the first bit is set to 1, a read command
is issued. The next seven bits determine the target register address.
The remaining eight bits provide the data to the addressed register.
The last eight bits are ignored during a read command, because
during these clock cycles SDO propagates out the data contained
in the addressed register.
The target register address of an SPI command is determined on
the eighth SCLK rising edge. Data from this register propagates out
on SDO from the 9th to the 16th SCLK falling edge during SPI
reads. A register write occurs on the 16th SCLK rising edge
during SPI writes.
During any SPI command, SDO sends out eight alignment bits
on the first eight SCLK falling edges. The alignment bits observed
at SDO are 0x25.
ERROR DETECTION FEATURES
Protocol and communication errors on the SPI interface are
detectable. There are three detectable errors, which are incorrect
SCLK error detection, invalid read and write address error
detection, and CRC error detection. Each of these errors has a
corresponding enable bit in the error configuration register. In
addition, there is an error flag bit for each of these errors in the
error flags register.
Cyclic Redundancy Check (CRC) Error Detection
The CRC error detection feature extends a valid SPI frame by
8 SCLK cycles. These eight extra cycles are needed to send the CRC
byte for that SPI frame. The CRC byte is calculated by the SPI block
using the 16-bit payload: the R/W bit, Register Address Bits[6:0],
and Register Data Bits[7:0]. The CRC polynomial used in the
SPI block is x8 + x2 + x1 + 1 with a seed value of 0. For a timing
diagram with CRC enabled, see Figure 37. Register writes occur
at the 24th SCLK rising edge with CRC Error Checking enabled.
During a SPI write, the microcontroller/CPU provides the CRC
byte through SDI. The SPI block checks the CRC byte just before
the 24th SCLK rising edge. On this same edge, the register write
is prevented if an incorrect CRC byte is received by the SPI
interface. The CRC error flag is asserted in the error flags
register in the case of the incorrect CRC byte being detected.
During a SPI read, the CRC byte is provided to the microcontroller
through SDO.
The CRC error detection feature is disabled by default and can
be configured by the user through the error configuration register.
0
0
1
0
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10111213141516
SDI
SCLK
CS
Figure 36. Address Mode Timing Diagram
0
0
1
D7
D6
D0
C7
C6
C5
C4
C3
C2
C1
C0
SDO
R/W
A6
A0
D7
D6
D0
C7
C6
C5
C4
C3
C2
C1
C0
1
2
8
9
10
16
17
18
19
20
21
22
23
24
SDI
SCLK
CS
Figure 37. Timing Diagram with CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com