Electronic Components Datasheet Search
  English  ▼

X  

ADGS1412 Datasheet(PDF) 11 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 7Page - Analog Devices ADGS1412 Datasheet HTML 8Page - Analog Devices ADGS1412 Datasheet HTML 9Page - Analog Devices ADGS1412 Datasheet HTML 10Page - Analog Devices ADGS1412 Datasheet HTML 11Page - Analog Devices ADGS1412 Datasheet HTML 12Page - Analog Devices ADGS1412 Datasheet HTML 13Page - Analog Devices ADGS1412 Datasheet HTML 14Page - Analog Devices ADGS1412 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 10 of 25
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
D4
S4
GND
VSS
S1
D1
D3
S3
VDD
NIC
S2
D2
ADGS1412
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. THE EXPOSED PAD IS CONNECTED INTERNALLY. FOR
INCREASED RELIABILITY OF THE SOLDER JOINTS AND
MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO THE SUBSTRATE, VSS.
Figure 5. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D1
Drain Terminal 1. This pin can be an input or output.
2
S1
Source Terminal 1. This pin can be an input or output.
3
VSS
Most Negative Power Supply Potential. In single-supply applications, tie this pin to ground.
4, 11
GND
Ground (0 V) Reference.
5
S4
Source Terminal 4. This pin can be an input or output.
6
D4
Drain Terminal 4. This pin can be an input or output.
7, 8, 10, 12,
16, 19, 24
NIC
Not Internally Connected.
9
RESET/VL
RESET/Logic Power Supply Input (VL). Under normal operation, drive the RESET/VL pin with a 2.7 V to 5.5 V supply.
Pull the RESET pin low to complete a hardware reset. After a reset, all switches open, and the appropriate registers
are set to their default.
13
D3
Drain Terminal 3. This pin can be an input or output.
14
S3
Source Terminal 3. This pin can be an input or output.
15
VDD
Most Positive Power Supply Potential.
17
S2
Source Terminal 2. This pin can be an input or output.
18
D2
Drain Terminal 2. This pin can be an input or output.
20
SDO
Serial Data Output. This pin can be used for daisy chaining a number of these devices together or for reading
back the data stored in a register for diagnostic purposes. The serial data is propagated on the falling edge of
SCLK. Pull this open-drain output to VL with an external resistor.
21
CS
Active Low Control Input. CS is the frame synchronization signal for the input data.
22
SCLK
Serial Clock Input. Data is captured on the positive edge of SCLK. Data can be transferred at rates of up to 50 MHz.
23
SDI
Serial Data Input. Data is captured on the positive edge of the serial clock input.
EPAD
Exposed Pad. The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the exposed pad be soldered to the substrate, VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com