Electronic Components Datasheet Search
  English  ▼

X  

ADGS1412 Datasheet(PDF) 15 Page - Analog Devices

Part # ADGS1412
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADGS1412 Datasheet HTML 11Page - Analog Devices ADGS1412 Datasheet HTML 12Page - Analog Devices ADGS1412 Datasheet HTML 13Page - Analog Devices ADGS1412 Datasheet HTML 14Page - Analog Devices ADGS1412 Datasheet HTML 15Page - Analog Devices ADGS1412 Datasheet HTML 16Page - Analog Devices ADGS1412 Datasheet HTML 17Page - Analog Devices ADGS1412 Datasheet HTML 18Page - Analog Devices ADGS1412 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 14 of 25
0
0.14
0.12
0.10
0.08
0.06
0.04
0.02
20
200
2k
20k
FREQUENCY (Hz)
TA = 25°C
RL = 110Ω, VS = 3V p-p
RL = 110Ω, VS = 6V p-p
RL = 110Ω, VS = 9V p-p
RL = 1kΩ, VS = 3V p-p
RL = 1kΩ, VS = 6V p-p
RL = 1kΩ, VS = 9V p-p
Figure 24 . THD + N vs. Frequency, 12 V Single Supply
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
02
46
8
TIME (µs)
VDD = +15V
VSS = –15V
TA = 25°C
SCLK = 2.5MHz
SCLK IDLE
Figure 25. Digital Feedthrough
3.0
3.5
80
70
60
50
40
30
20
10
0
2.7
5.5
4.0
4.5
5.0
VL (V)
VDD = +15V
VSS = –15V
VDD = +12V
VSS = 0V
VDD = +5V
VSS = –5V
TA = 25°C
IDD PER CLOSED SWITCH
Figure 26. IDD vs. VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com