Electronic Components Datasheet Search
  English  ▼

X  

FDC37B779 Datasheet(PDF) 74 Page - SMSC Corporation

Part # FDC37B779
Description  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B779 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button FDC37B779 Datasheet HTML 70Page - SMSC Corporation FDC37B779 Datasheet HTML 71Page - SMSC Corporation FDC37B779 Datasheet HTML 72Page - SMSC Corporation FDC37B779 Datasheet HTML 73Page - SMSC Corporation FDC37B779 Datasheet HTML 74Page - SMSC Corporation FDC37B779 Datasheet HTML 75Page - SMSC Corporation FDC37B779 Datasheet HTML 76Page - SMSC Corporation FDC37B779 Datasheet HTML 77Page - SMSC Corporation FDC37B779 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 196 page
background image
74
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts
are enabled (FCR bit 0 = "1", IER bit 0 = "1"),
RCVR interrupts occur as follows:
A. The receive data available interrupt will be
issued when the FIFO has reached its
programmed trigger level; it is cleared as
soon
as
the
FIFO
drops
below
its
programmed trigger level.
B. The IIR receive data available indication also
occurs when the FIFO trigger level is
reached. It is cleared when the FIFO drops
below the trigger level.
C. The receiver line status interrupt (IIR=06H),
has higher priority than the received data
available (IIR=04H) interrupt.
D. The data ready bit (LSR bit 0) is set as soon
as a character is transferred from the shift
register to the RCVR FIFO. It is reset when
the FIFO is empty.
When RCVR FIFO and receiver interrupts are
enabled, RCVR FIFO timeout interrupts occur
as follows:
A.
A FIFO timeout interrupt occurs if all the
following conditions exist:
-
At least one character is in the FIFO.
-
The most recent serial character received
was longer than 4 continuous character
times ago. (If 2 stop bits are programmed,
the second one is included in this time
delay).
-
The most recent CPU read of the FIFO was
longer than 4 continuous character times
ago.
This will cause a maximum character received
to interrupt issued delay of 160 msec at 300
BAUD with a 12 bit character.
B. Character times are calculated by using the
RCLK input for a clock signal (this makes
the delay proportional to the baudrate).
C. When a timeout interrupt has occurred it is
cleared and the timer reset when the CPU
reads one character from the RCVR FIFO.
D. When a timeout interrupt has not occurred
the timeout timer is reset after a new
character is received or after the CPU reads
the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts
are enabled (FCR bit 0 = "1", IER bit 1 = "1"),
XMIT interrupts occur as follows:
A. The transmitter holding register interrupt
(02H) occurs when the XMIT FIFO is empty;
it is cleared as soon as the transmitter
holding register is written to (1 of 16
characters may be written to the XMIT FIFO
while servicing this interrupt) or the IIR is
read.
B. The transmitter FIFO empty indications will
be delayed 1 character time minus the last
stop bit time whenever the following occurs:
THRE=1 and there have not been at least
two bytes at the same time in the transmitter
FIFO since the last THRE=1. The transmitter
interrupt
after
changing
FCR0
will
be
immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level
interrupts have the same priority as the current
received data available interrupt; XMIT FIFO
empty has the same priority as the current
transmitter holding register empty interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com