Electronic Components Datasheet Search
  English  ▼

X  

FDC37B779 Datasheet(PDF) 83 Page - SMSC Corporation

Part # FDC37B779
Description  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B779 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button FDC37B779 Datasheet HTML 79Page - SMSC Corporation FDC37B779 Datasheet HTML 80Page - SMSC Corporation FDC37B779 Datasheet HTML 81Page - SMSC Corporation FDC37B779 Datasheet HTML 82Page - SMSC Corporation FDC37B779 Datasheet HTML 83Page - SMSC Corporation FDC37B779 Datasheet HTML 84Page - SMSC Corporation FDC37B779 Datasheet HTML 85Page - SMSC Corporation FDC37B779 Datasheet HTML 86Page - SMSC Corporation FDC37B779 Datasheet HTML 87Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 196 page
background image
83
IBM XT/AT COMPATIBLE, BI-DIRECTIONAL
AND EPP MODES
DATA PORT
ADDRESS OFFSET = 00H
The Data Port is located at an offset of '00H'
from the base address.
The data register is
cleared at initialization by RESET.
During a
WRITE operation, the Data Register latches the
contents of the data bus with the rising edge of
the nIOW input.
The contents of this register
are buffered (non inverting) and output onto the
PD0 - PD7 ports. During a READ operation in
SPP mode, PD0 - PD7 ports are buffered (not
latched) and output to the host CPU.
STATUS PORT
ADDRESS OFFSET = 01H
The Status Port is located at an offset of '01H'
from the base address.
The contents of this
register are latched for the duration of an nIOR
read cycle.
The bits of the Status Port are
defined as follows:
BIT 0 TMOUT - TIME OUT
This bit is valid in EPP mode only and indicates
that a 10 usec time out has occurred on the
EPP bus.
A logic O means that no time out
error has occurred; a logic 1 means that a time
out error has been detected. This bit is cleared
by a RESET. Writing a one to this bit clears the
time out status bit. On a write, this bit is self
clearing and does not require a write of a zero.
Writing a zero to this bit has no effect.
BITS 1, 2 - are not implemented as register bits,
during a read of the Printer Status Register
these bits are a low level.
BIT 3 nERR - nERROR
The level on the nERROR input is read by the
CPU as bit 3 of the Printer Status Register. A
logic 0 means an error has been detected; a
logic 1 means no error has been detected.
BIT 4 SLCT - PRINTER SELECTED STATUS
The level on the SLCT input is read by the CPU
as bit 4 of the Printer Status Register. A logic 1
means the printer is on line; a logic 0 means it is
not selected.
BIT 5 PE - PAPER END
The level on the PE input is read by the CPU as
bit 5 of the Printer Status Register.
A logic 1
indicates a paper end; a logic 0 indicates the
presence of paper.
BIT 6 nACK - nACKNOWLEDGE
The level on the nACK input is read by the CPU
as bit 6 of the Printer Status Register. A logic 0
means that the printer has received a character
and can now accept another. A logic 1 means
that it is still processing the last character or has
not received the data.
BIT 7 nBUSY - nBUSY
The complement of the level on the BUSY input
is read by the CPU as bit 7 of the Printer Status
Register.
A logic 0 in this bit means that the
printer is busy and cannot accept a new
character. A logic 1 means that it is ready to
accept the next character.
CONTROL PORT
ADDRESS OFFSET = 02H
The Control Port is located at an offset of '02H'
from the base address. The Control Register is
initialized by the RESET input, bits 0 to 5 only
being affected; bits 6 and 7 are hard wired low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com