Electronic Components Datasheet Search
  English  ▼

X  

FDC37B779 Datasheet(PDF) 97 Page - SMSC Corporation

Part # FDC37B779
Description  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B779 Datasheet(HTML) 97 Page - SMSC Corporation

Back Button FDC37B779 Datasheet HTML 93Page - SMSC Corporation FDC37B779 Datasheet HTML 94Page - SMSC Corporation FDC37B779 Datasheet HTML 95Page - SMSC Corporation FDC37B779 Datasheet HTML 96Page - SMSC Corporation FDC37B779 Datasheet HTML 97Page - SMSC Corporation FDC37B779 Datasheet HTML 98Page - SMSC Corporation FDC37B779 Datasheet HTML 99Page - SMSC Corporation FDC37B779 Datasheet HTML 100Page - SMSC Corporation FDC37B779 Datasheet HTML 101Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 196 page
background image
97
Table 39A - Extended Control Register
R/W
MODE
000:
Standard Parallel Port Mode . In this mode the FIFO is reset and common collector drivers
are used on the control lines (nStrobe, nAutoFd, nInit and nSelectIn). Setting the direction
bit will not tri-state the output drivers in this mode.
001:
PS/2 Parallel Port Mode. Same as above except that direction may be used to tri-state the
data lines and reading the data register returns the value on the data lines and not the
value in the data register. All drivers have active pull-ups (push-pull).
010:
Parallel Port FIFO Mode. This is the same as 000 except that bytes are written or DMAed to
the FIFO. FIFO data is automatically transmitted using the standard parallel port protocol.
Note that this mode is only useful when direction is 0.
All drivers have active pull-ups
(push-pull).
011:
ECP Parallel Port Mode. In the forward direction (direction is 0) bytes placed into the
ecpDFifo and bytes written to the ecpAFifo are placed in a single FIFO and transmitted
automatically to the peripheral using ECP Protocol. In the reverse direction (direction is 1)
bytes are moved from the ECP parallel port and packed into bytes in the ecpDFifo. All
drivers have active pull-ups (push-pull).
100:
Selects EPP Mode: In this mode, EPP is selected if the EPP supported option is selected in
configuration register L3-CRF0. All drivers have active pull-ups (push-pull).
101:
Reserved
110:
Test Mode. In this mode the FIFO may be written and read, but the data will not be
transmitted on the parallel port. All drivers have active pull-ups (push-pull).
111:
Configuration Mode. In this mode the confgA, confgB registers are accessible at 0x400 and
0x401. All drivers have active pull-ups (push-pull).
Table 39B
Table 39C
IRQ SELECTED
CONFIG REG B
BITS 5:3
DMA SELECTED
CONFIG REG B
BITS 2:0
15
110
3
011
14
101
2
010
11
100
1
001
10
011
All Others
000
9
010
7
001
5
111
All Others
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com