Electronic Components Datasheet Search
  English  ▼

X  

LM4840MT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840MT
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840MT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4840MT Datasheet HTML 1Page - National Semiconductor (TI) LM4840MT Datasheet HTML 2Page - National Semiconductor (TI) LM4840MT Datasheet HTML 3Page - National Semiconductor (TI) LM4840MT Datasheet HTML 4Page - National Semiconductor (TI) LM4840MT Datasheet HTML 5Page - National Semiconductor (TI) LM4840MT Datasheet HTML 6Page - National Semiconductor (TI) LM4840MT Datasheet HTML 7Page - National Semiconductor (TI) LM4840MT Datasheet HTML 8Page - National Semiconductor (TI) LM4840MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
-65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation
Internally limited
ESD Susceptibility (Note 12)
2000V
ESD Susceptibility (Note 13)
200V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering
surface mount devices.
See AN-1187 “Leadless Leadframe Package” for
detailed information on usage of LLP devices.
θ
JC (typ) — LQA028A (Note
16)
3˚C/W
θ
JA (typ) — LQA028A (Note
16)
42˚C/W
θ
JC (typ) — MTC28
20˚C/W
θ
JA (typ) — MTC28
80˚C/W
θ
JC (typ) — MXA28A
2˚C/W
θ
JA (typ) — MXA28A (Note 4)
41˚C/W
θ
JA (typ) — MXA28A (Note 3)
54˚C/W
θ
JA (typ) — MXA28A (Note 5)
59˚C/W
θ
JA (typ) — MXA28A (Note 6)
93˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤TMAX
−40˚C
≤TA ≤ 85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Electrical Characteristics for Entire IC
(Notes 7, 10)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4840
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A
12
30
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN =VDD
0.7
2.0
µA (max)
V
IH
Headphone Sense High Input Voltage
4
V (min)
V
IL
Headphone Sense Low Input Voltage
0.8
V (max)
Electrical Characteristics for Volume Attenuators
(Notes 7, 10)
The following specifications apply for V
DD = 5V. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4840
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
C
RANGE
Attenuator Range
Gain with Digital Volume Max
0
±0.5
dB (max)
Attenuation with Digital Volume Min
-81
-75
dB (min)
A
M
Mute Attenuation
V
MUTE =VDD, Bridged Mode
-88
-78
dB (min)
V
MUTE =VDD, Single-Ended Mode
-88
-78
dB (min)
Electrical Characteristics for Single-Ended Mode Operation
(Notes 7, 10)
The following specifications apply for V
DD = 5V. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4840
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
P
O
Output Power
THD = 1.0%; f = 1kHz; R
L =32Ω
85
mW
THD=10%;f=1 kHz; R
L =32Ω
95
mW
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com