Electronic Components Datasheet Search
  English  ▼

X  

LM4840MT Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840MT
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840MT Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4840MT Datasheet HTML 11Page - National Semiconductor (TI) LM4840MT Datasheet HTML 12Page - National Semiconductor (TI) LM4840MT Datasheet HTML 13Page - National Semiconductor (TI) LM4840MT Datasheet HTML 14Page - National Semiconductor (TI) LM4840MT Datasheet HTML 15Page - National Semiconductor (TI) LM4840MT Datasheet HTML 16Page - National Semiconductor (TI) LM4840MT Datasheet HTML 17Page - National Semiconductor (TI) LM4840MT Datasheet HTML 18Page - National Semiconductor (TI) LM4840MT Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
Table 2: LM4840 Volume Control Steps
Volume Step
BTL (dB)
SE (dB)
1
6.00
0.00
2
5.00
-1.00
3
4.00
-2.00
4
3.00
-3.00
5
2.00
-4.00
6
1.00
-5.00
7
0.00
-6.00
8
-2.00
-8.00
9
-4.00
-10.00
10
-6.00
-12.00
11
-8.00
-14.00
12
-10.00
-16.00
13
-12.00
-18.00
14
-14.00
-20.00
15
-16.00
-22.00
16
-18.00
-24.00
17
-20.00
-26.00
18
-21.90
-27.90
19
-24.00
-30.00
20
-26.10
-32.10
21
-28.10
-34.10
22
-29.90
-35.90
23
-32.70
-38.70
24
-36.00
-42.00
25
-38.80
-44.80
26
-41.30
-47.30
27
-44.90
-50.90
28
-50.90
-56.90
29
-56.90
-62.90
30
-62.90
-68.90
31
-70.90
-76.90
32
-70.90
-76.90
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com