Electronic Components Datasheet Search
  English  ▼

X  

LM4840MT Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840MT
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840MT Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4840MT Datasheet HTML 10Page - National Semiconductor (TI) LM4840MT Datasheet HTML 11Page - National Semiconductor (TI) LM4840MT Datasheet HTML 12Page - National Semiconductor (TI) LM4840MT Datasheet HTML 13Page - National Semiconductor (TI) LM4840MT Datasheet HTML 14Page - National Semiconductor (TI) LM4840MT Datasheet HTML 15Page - National Semiconductor (TI) LM4840MT Datasheet HTML 16Page - National Semiconductor (TI) LM4840MT Datasheet HTML 17Page - National Semiconductor (TI) LM4840MT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
Table 1: Logic Level Truth Table
SD
BEEP
DETECT
MUTE
HP
SENSE
MODE
R-
R+
L-
L+
L
L
L
L
BTL SPK
ON
ON
ON
ON
L
L
L
H
HP
ON
ON (buffer)
ON
OFF
L
L
H
L
BTLSPK
ON
ON
ON
ON
*Amps are muted
L
L
H
H
HP
ON
ON (buffer)
ON
OFF
*Amps are muted
*Next four conditions, beep is detected; beep signal added to audio signal and bypasses volume control (unity)
L
H
L
L
BTL SPK
ON
ON
ON
ON
L
H
L
H
HP
ON
ON (buffer)
ON
ON
L
H
H
L
BTL SPK
ON
ON
ON
ON
*Dual Mode
L
H
H
H
HP
ON
ON (buffer)
ON
ON
*Dual Mode
*Next eight conditions turns off all amps
H
L
L
L
BTL SPK
OFF
OFF
OFF
OFF
H
L
L
H
HP
OFF
OFF
OFF
OFF
H
L
H
L
BTL SPK
OFF
OFF
OFF
OFF
H
L
H
H
HP
OFF
OFF
OFF
OFF
H
H
L
L
BTL SPK
OFF
OFF
OFF
OFF
H
H
L
H
HP
OFF
OFF
OFF
OFF
H
H
H
L
BTL SPK
OFF
OFF
OFF
OFF
H
H
H
H
HP
OFF
OFF
OFF
OFF
*Beepdetect signal overrides any mute. For example, if amp is muted and bpdetect is HIGH, then amp is no longer muted.
**Dual mode: When HP jack is inserted, load A (speaker corresponding to outputs A- and A+) is physically disconnected. Load
B remains connected; however, amp B+ is off and differentially there is no voltage across it. If a beep is detected (i.e. beepdetect
= HIGH), then summed signal (audio + beep signals) is heard in the headphones and on speaker B.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com