Electronic Components Datasheet Search
  English  ▼

X  

LM4840MT Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840MT
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840MT Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4840MT Datasheet HTML 1Page - National Semiconductor (TI) LM4840MT Datasheet HTML 2Page - National Semiconductor (TI) LM4840MT Datasheet HTML 3Page - National Semiconductor (TI) LM4840MT Datasheet HTML 4Page - National Semiconductor (TI) LM4840MT Datasheet HTML 5Page - National Semiconductor (TI) LM4840MT Datasheet HTML 6Page - National Semiconductor (TI) LM4840MT Datasheet HTML 7Page - National Semiconductor (TI) LM4840MT Datasheet HTML 8Page - National Semiconductor (TI) LM4840MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MH and LQ Specific Characteristics
Note 17: These curves show the thermal dissipation ability of the LM4840MH at different ambient temperatures given these conditions:
500LFPM + 2in2: The part is soldered to a 2in2, 1 oz. copper plane with 500 linear feet per minute of forced-air flow across it.
2in2on bottom: The part is soldered to a 2in2, 1oz. copper plane that is on the bottom side of the PC board through 21 8 mil vias.
2in2: The part is soldered to a 2in2, 1oz. copper plane.
1in2: The part is soldered to a 1in2, 1oz. copper plane.
Not Attached: The part is not soldered down and is not forced-air cooled.
Typical Performance Characteristics
LM4840MH, LM4840LQ
THD+N vs Output Power
DS200104-70
LM4840MH, LM4840LQ
THD+N vs Frequency
DS200104-71
LM4840MH, LM4840LQ
THD+N vs Output Power
DS200104-72
LM4840MH, LM4840LQ
THD+N vs Frequency
DS200104-73
LM4840MH, LM4840LQ
Power Dissipation vs Output Power
DS200104-65
LM4840MH(Note 17)
Power Derating Curve
DS200104-64
THD+N vs Frequency
DS200104-57
THD+N vs Frequency
DS200104-58
THD+N vs Frequency
DS200104-14
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com