Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 6Page - National Semiconductor (TI) LM4867 Datasheet HTML 7Page - National Semiconductor (TI) LM4867 Datasheet HTML 8Page - National Semiconductor (TI) LM4867 Datasheet HTML 9Page - National Semiconductor (TI) LM4867 Datasheet HTML 10Page - National Semiconductor (TI) LM4867 Datasheet HTML 11Page - National Semiconductor (TI) LM4867 Datasheet HTML 12Page - National Semiconductor (TI) LM4867 Datasheet HTML 13Page - National Semiconductor (TI) LM4867 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Application Information (Continued)
The LM4867’s pin configuration simplifies the process of
upgrading systems that use the LM4863. Except for its four
MUX function pins, the LM4867’s pin configuration matches
the LM4863’s pin configuration. If the LM4867’s MUX func-
tionality is not needed when replacing an LM4863, connect
the MUX CTRL pin to either V
DD or ground. To ensure
correct amplifier operation, unused MUX inputs must be
tied to GND. As shown in Table 1, grounding the MUX CTRL
pin selects stereo input 1 (−IN A1 and −IN B1), whereas
applying V
DD to the MUX CTRL pin selects stereo input 2
(−IN A2 and −IN B2).
The LM4867’s unique headphone sense circuit requires a
dual switch headphone jack. Replace the four-terminal head-
phone jack used with the LM4863 and LM4873 with the
five-terminal headphone jack, such as the Switchcraft
35RAPC4BH3, shown in Figure 4. Connect the +OUT A
(Amp2A) pin to the five-terminal headphone jack’s sleeve
pin.
DS200013-57
FIGURE 3. Single-ended output signal (Trace B) is
devoid of transients. The SHUTDOWN pin is driven by
a shutdown signal (Trace A). The inverting output
(Trace C) and the V
BYPASS output (Trace D) are applied
across a 32
Ω BTL load.
DS200013-31
FIGURE 4. Typical Audio Amplifier Application Circuit
(Pin out shown for the 24-pin Exposed-DAP LLP package. Numbers in ( ) are for the 20-pin MTE and MT packages.)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com