Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 10Page - National Semiconductor (TI) LM4867 Datasheet HTML 11Page - National Semiconductor (TI) LM4867 Datasheet HTML 12Page - National Semiconductor (TI) LM4867 Datasheet HTML 13Page - National Semiconductor (TI) LM4867 Datasheet HTML 14Page - National Semiconductor (TI) LM4867 Datasheet HTML 15Page - National Semiconductor (TI) LM4867 Datasheet HTML 16Page - National Semiconductor (TI) LM4867 Datasheet HTML 17Page - National Semiconductor (TI) LM4867 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Application Information (Continued)
Truth Table for Logic Inputs
SHUTDOWN
PIN
HP-IN
PIN
MUX CHANNEL
INPUT SELECT
OPERATIONAL MODE (MUX
INPUTCHANNEL #)
Logic Low
= −OUTB signal
Logic Low
Bridged amplifiers (1)
Logic Low
= −OUTB signal
Logic High
Bridged amplifiers (2)
Logic Low
≠ −OUTB signal
Logic Low
Single-ended amplifiers (1)
Logic Low
≠ −OUTB signal
Logic High
Single-ended amplifiers (2)
Logic High
X
X
Micro−power shutdown
HP-IN FUNCTION
An internal pull−up circuit is connected to the HP−IN (pin 20)
headphone amplifier control pin. When this pin is left uncon-
nected, V
DD is applied to the HP−IN. This turns off Amp2B
and switches Amp2A’s input signal from an audio signal to
the V
DD/2 voltage present on pin 14. The result is muted
bridge-connected loads. Quiescent current consumption is
reduced when the IC is in this single−ended mode.
Figure 7 shows the implementation of the LM4867’s head-
phone control function. An internal comparator with a nomi-
nal 400mV offset monitors the signal present at the −OUTB
output. It compares this signal against the signal applied to
the HP−IN pin. When these signals are equal, as is the case
when a BTL is connected to the amplifier, the comparator
forces the LM4867 to maintain bridged−amplifier operation.
When the HP−IN pin is externally floated, such as when
headphones are connected to the jack shown in
Figure 7,
and internal pull−up forces V
DD on the internal comparator’s
HP−IN inputs. This changes the comparator’s output state
and enables the headphone function: it turns off Amp2B,
switches Amp2A’s input signal from an audio signal to the
V
DD/2
voltage
present
on
pin
14,
and
mutes
the
bridge-connected loads. Amp1A and Amp1B drive the head-
phones.
Figure 7 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a
three−wire plug. The plug’s tip and ring should each carry
one of the two stereo output signals, whereas the sleeve
provides the return to Amp2A. A headphone jack with one
control pin contact is sufficient to drive the HP−IN pin when
connecting headphones.
A switch can replace the headphone jack contact pin. When
a switch shorts the HP−IN pin to V
DD, bridge−connected
speakers are muted and Amp1A and Amp2A drive a pair of
headphones. When a switch shorts the HP−IN pin to GND,
the LM4867 operates in bridge mode. If headphone drive is
not needed, short the HP−IN pin to the −OUTB pin.
Single-Ended Output Power Performance and
Measurement Considerations
The LM4867 delivers clean, low distortion SE output power
into loads that are greater than 10
Ω. As an example, output
power for 16
Ω and 32Ω loads are shown in the Typical
Performance Characteristic curves. For loads less than
10
Ω, the LM4876 can typically supply 180mW of low distor-
tion power. However, when higher dissipation is desired in
loads less than 10
Ω, a dramatic increase in THD+N may
occur. This is normal operation and does not indicate that
proper functionality has ceased. When a jump from moder-
ate to excessively high distortion is seen, simply reducing
the output voltage swing will restore the clean, low distortion
SE operation.
The dramatic jump in distortion for loads less than 10
Ω
occurs when current limiting circuitry activates. During SE
operation, AMP2A (refer to
Figure 4) drives the headphone
sleeve. An on-board circuit monitors this amplifier’s output
current. The sudden increase in THD+N is caused by the
current limit circuitry forcing AMP2A into a high−impedance
output mode. When this occurs, the output waveform has
discontinuities that produce large amounts of distortion. It
has been observed that as the output power is steadily
increased, the distortion may jump from 5% to greater than
35%. Indeed, 10% THD+N may not actually be achievable.
Using the Single−Ended Output for Line Level
Applications
Some samples of the LM4867 may exhibit small amplitude,
high frequency oscillation when the SE output is connected
to a line-level input. This oscillation can be eliminated by
connecting a 5%, 300
Ω resistor between Amp2A’s output pin
and each amplifier, AMP1A and AMP1B, output.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com