Electronic Components Datasheet Search
  English  ▼

X  

LM4867 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4867 Datasheet HTML 7Page - National Semiconductor (TI) LM4867 Datasheet HTML 8Page - National Semiconductor (TI) LM4867 Datasheet HTML 9Page - National Semiconductor (TI) LM4867 Datasheet HTML 10Page - National Semiconductor (TI) LM4867 Datasheet HTML 11Page - National Semiconductor (TI) LM4867 Datasheet HTML 12Page - National Semiconductor (TI) LM4867 Datasheet HTML 13Page - National Semiconductor (TI) LM4867 Datasheet HTML 14Page - National Semiconductor (TI) LM4867 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Application Information (Continued)
STEREO-INPUT MULTIPLEXER (STEREO MUX)
The LM4867 has two stereo inputs. The MUX CTRL Pin
controls which stereo input is active. As shown in the Truth
Table for Logic Inputs, applying 0V to the MUX CTRL input
activates stereo input 1, whereas applying V
DD to the MUX
CTRL inputs activates stereo input 2. To ensure correct
amplifier operation, unused MUX inputs must be tied to
GND.
Typical LM4867 applications use the MUX to switch between
two stereo input signals. Each stereo channel’s gain can be
tailored to produce the required output signal level by choos-
ing the appropriate input and feedback resistor ratio.
Another configuration uses the MUX to select two different
gains or frequency compensated gains that amplify a single
pair of stereo input signals.
Figure 5 shows two different
feedback networks, Network 1 and Network 2. Network 1
produces increasing gain as the input signal’s frequency
decreases. This can be used to compensate a small,
full-range speaker’s low frequency response roll-off. Network
2 sets the gain for an alternate load such as headphones.
The circuit in
Figure 6 uses Network 1 when driving external
speakers, switching to Network 2 when headphones are
connected. The normally closed control switch in
Figure 6’s
headphone jack connects to the MUX CTRL pin. When
headphones are connected, the LM4867’s internal pull-up
that applies V
DD to the HP-IN and the external 100kΩ resis-
tor applies V
DD to MUX CTRL pin. Simultaneously applying
these control voltages automatically selects the amplifier
(headphone or bridge) and switches the gain (MUX channel
selection). Alternatively, leaving the MUX CTRL pin indepen-
dently accessible allows a user to select bass boost as
needed. This alternative user-selectable bass-boost scheme
requires connecting equal ratio resistor feedback networks
to each MUX input channel. The value of the resistor in the
RC network is chosen to give a gain that is necessary to
achieve the desired bass-boost.
Switching between the MUX channels may change the input
signal source or the feedback resistor network. During the
channel switching transition, the average voltage level
present on the internal amplifier’s input may change. This
change can slew at a rate that may produce audible voltage
transients or clicks in the amplifier’s output signal. Using the
MUX to select between two vastly dissimilar gains is a typical
transient-producing situation. As the MUX is switched, an
audible click may occur as the gain suddenly changes.
PIN OUT COMPATIBILITY WITH THE LM4863
The LM4867 pin out was designed to simplify replacing the
LM4863: except for the four Pins(-IN A
2, MUX CTRL, -IN B2,
and NC) that implement the LM4867’s extra functionality, the
LM4867MT/MTE and LM4863MT/MTE pin outs match.
(Note 22)
Note 22: If the LM4867 replaces an LM4863 and the input MUX circuitry is
not being used, the LM4867 MUX CTRL pin must be tied to VDD or GND and
the unused MUX inputs must be connected to GND.
EXPOSED-DAP MOUNTING CONSIDERATIONS
The LM4867’s exposed-DAP (die attach paddle) packages
(MTE and LQ) provide a low thermal resistance between the
die and the PCB to which the part is mounted and soldered.
This allows rapid heat transfer from the die to the surround-
ing PCB copper area heatsink, copper traces, ground plane,
and finally, surrounding air. The result is a low voltage audio
power amplifier that produces 2.4W dissipation in a 4
Ω load
at
≤ 1% THD+N and over 3W in a 3Ω load at 10% THD+N.
This high power is achieved through careful consideration of
necessary thermal design. Failing to optimize thermal design
may compromise the LM4867’s high power performance and
activate unwanted, though necessary, thermal shutdown
protection.
DS200013-70
FIGURE 5. Input MUX Example
DS200013-39
FIGURE 6. As configured, connecting headphones to this jack automatically selects the stereo headphone amplifier
and, with the additional NC switch, changes MUX channels (Network 2 in Figure 2 )
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com