Electronic Components Datasheet Search
  English  ▼

X  

LM2619MTC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619MTC
Description  500mA Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619MTC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2619MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics LM2619MTC, Circuit of Figure 3,V
IN = 3.6V, TA = 25˚C, un-
less otherwise noted.
Quiescent Supply Current vs Supply Voltage
Shutdown Quiescent Current vs Temperature
(Circuit in Figure 3)
20065108
20065122
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, PWM MODE)
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, PFM MODE)
20065109
20065110
Output Voltage vs Output Current
(V
OUT = 1.5V, PWM MODE)
Output Voltage vs Output Current
(V
OUT = 1.5V, PFM MODE)
20065111
20065113
www.national.com
5
PrintDate=2003/08/20 PrintTime=18:54:05 801627bc ds200651_p Rev. No. 1.25
cmserv
Proof
Seq=5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com