Electronic Components Datasheet Search
  English  ▼

X  

LM2619MTC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619MTC
Description  500mA Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619MTC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2619MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 9Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 10Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 11Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 12Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Performance Characteristics LM2619MTC, Circuit of Figure 3,V
IN = 3.6V, TA = 25˚C,
unless otherwise noted. (Continued)
Efficiency vs Output Current
(V
OUT = 1.8V, PFM MODE)
(Circuit in Figure 1)
Efficiency vs Output Current
(V
OUT = 1.8V, PFM MODE, with Diode)
(Circuit in Figure 1)
20065135
20065136
Device Information
The LM2619MTC is a simple, step-down DC-DC converter
optimized for powering circuits in mobile phones, portable
communicators, and similar battery powered RF devices. It
is based on a current-mode buck architecture, with synchro-
nous rectification in PWM mode for high efficiency. It is
designed for a maximum load capability of 500mA in PWM
mode. Maximum load range may vary from this depending
on input voltage, output voltage and the inductor chosen.
The device has all three of the pin-selectable operating
modes required for powering circuits in mobile phones and
other sophisticated portable devices with complex power
management needs. Fixed-frequency PWM operation offers
full output current capability at high efficiency while minimiz-
ing interference with sensitive IF and data acquisition cir-
cuits. During standby operation, hysteretic PFM mode re-
duces quiescent current to 160µA typ. to maximize battery
life. Shutdown mode turns the device off and reduces battery
consumption to 0.02µA (typ).
DC PWM mode feedback voltage precision is ±2%. Effi-
ciency is typically 93% for a 200mA load with 3.6V output,
4.2V input. The efficiency can be increased for lower output
voltages like 1.5V,1.8V by using a schottky diode like
MBRM120L as shown in Figure 4. PWM mode quiescent
current is 600µA typ. The output voltage can be set from
1.5V to 3.6V by using external feedback resistors.
Additional features include soft-start, current overload pro-
tection, over voltage protection and thermal shutdown pro-
tection.
The LM2619MTC is constructed using a 14-pin TSSOP
package. Use of a high switching frequency (600kHz) re-
duces the size of external components.
CIRCUIT OPERATION
Referring to Figure 4, Figure 5, Figure 6 and Figure 7,
the LM2619MTC operates as follows. During the first part of
each switching cycle, the control block in the LM2619MTC
turns on the internal PFET switch. This allows current to flow
from the input through the inductor to the output filter capaci-
20065106
FIGURE 4. Typical Operating Circuit for 3.6V Output Voltage
www.national.com
9
PrintDate=2003/08/20 PrintTime=18:54:05 801627bc ds200651_p Rev. No. 1.25
cmserv
Proof
Seq=9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com