Electronic Components Datasheet Search
  English  ▼

X  

LM2619MTC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619MTC
Description  500mA Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619MTC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2619MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2619MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2619MTC
500mA Step-Down DC-DC Converter
General Description
The LM2619MTC step down DC-DC converter is optimized
for powering circuits from a single Lithium-Ion cell. It steps
down an input voltage of 2.8V to 5.5V to an output of 1.5V to
3.6V at up to 500mA. Output voltage is set using resistor
feedback dividers.
The device offers three modes for mobile phones and similar
portable applications. Fixed-frequency PWM mode mini-
mizes RF interference. A SYNC input allows synchronizing
the switching frequency in a range of 500kHz to 1MHz. Low
current hysteretic PFM mode reduces quiescent current to
160µA (typ). Shutdown mode turns the device off and re-
duces battery consumption to 0.02µA (typ.).
Current limit and thermal shutdown features protect the de-
vice and system during fault conditions.
The LM2619MTC is available in a 14 pin TSSOP package. A
high switching frequency (600kHz) allows use of tiny
surface-mount components.
The device features external compensation to tailor the re-
sponse to a wide range of operating conditions.
Key Specifications
n
Operates from a single LiION cell (2.8V to 5.5V)
n
Output voltage range of 1.5V to 3.6V
n ±
2% DC feedback voltage precision
n
500mA maximum load capability
n
600µA typ PWM mode quiescent current
n
0.02µA typ shutdown current
n
600kHz PWM switching frequency
n
SYNC input for PWM mode frequency synchronization
from 500kHz to 1MHz
n
High efficiency (Up to 95%) in PWM mode from internal
synchronous rectification
n
100% Maximum Duty Cycle for Lowest Dropout
Features
n
14-pin TSSOP package
n
Uses small ceramic capacitors
n
5mV typ PWM mode output voltage ripple(C
OUT = 22µF)
n
Internal soft start
n
Current overload protection
n
Thermal Shutdown
n
External compensation
Applications
n
Mobile Phones
n
Hand-Held Radios
n
RF PC Cards
n
Wireless LAN Cards
Typical Application Circuits
20065101
FIGURE 1. Typical Circuit for 1.8V Output Voltage
August 2003
© 2003 National Semiconductor Corporation
DS200651
www.national.com
PrintDate=2003/08/20 PrintTime=18:54:04 801627bc ds200651_p Rev. No. 1.25
cmserv
Proof
Seq=1


Similar Part No. - LM2619MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619 Datasheet
1Mb / 21P
500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM2619MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com