Electronic Components Datasheet Search
  English  ▼

X  

SI4021 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4021
Description  Automatic antenna tuning circuit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4021 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4021 Datasheet HTML 7Page - Silicon Laboratories SI4021 Datasheet HTML 8Page - Silicon Laboratories SI4021 Datasheet HTML 9Page - Silicon Laboratories SI4021 Datasheet HTML 10Page - Silicon Laboratories SI4021 Datasheet HTML 11Page - Silicon Laboratories SI4021 Datasheet HTML 12Page - Silicon Laboratories SI4021 Datasheet HTML 13Page - Silicon Laboratories SI4021 Datasheet HTML 14Page - Silicon Laboratories SI4021 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Si4021
11
Modulated RF Spectrum
At 433 MHz with
180 kHz Deviation at 64 kbps
At 868 MHz with
180 kHz Deviation at 64 kbps
17:11:41 Dec 7, 2005
Ref 10 dBm
Atten 20 dB
#Samp
Log
10
dB/
VAv g
24
W1 S2
S3 FC
AA
Center 434 MHz
#Res BW 1 kHz
#VBW 1 kHz
Span 2 MHz
Sw eep 4.074 s (2000 pts)
17:26:17 Dec 7, 2005
Ref 10 dBm
Atten 20 dB
#Samp
Log
10
dB/
VAv g
50
W1 S2
S3 FC
AA
Center 868 MHz
#Res BW 1 kHz
#VBW 1 kHz
Span 2 MHz
Sw eep 4.074 s (2000 pts)
Spurious RF Spectrum
With 10 MHz CLK Output Enabled at 433 MHz
Antenna Tuning Characteristics
750–970 MHz
17:18:23 Dec 7, 2005
Ref 10 dBm
Atten 20 dB
Mkr1
 19.98 MHz
-44.23 dB
#Peak
Log
10
dB/
VAv g
3
W1 S2
S3 FC
AA
Center 434 MHz
#Res BW 3 kHz
#VBW 300 Hz
Span 50 MHz
Sw eep 45.47 s (2000 pts)
1
1 R
The antenna tuning characteristics was recorded in “max-hold” state of the spectrum analyzer. During the measurement, the transmitters
were forced to change frequencies by forcing an external reference signal to the XTL pin. While the carrier was changing the antenna tuning
circuit switched trough all the available states of the tuning circuit. The graph clearly demonstrates that while the complete output circuit
had about a 40 MHz bandwidth, the tuning allows operating in a 220 MHz band. In other words, the tuning circuit can compensate for 25%
variation in the resonant frequency due to any process or manufacturing spread.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com