Electronic Components Datasheet Search
  English  ▼

X  

SI4021 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # SI4021
Description  Automatic antenna tuning circuit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4021 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button SI4021 Datasheet HTML 12Page - Silicon Laboratories SI4021 Datasheet HTML 13Page - Silicon Laboratories SI4021 Datasheet HTML 14Page - Silicon Laboratories SI4021 Datasheet HTML 15Page - Silicon Laboratories SI4021 Datasheet HTML 16Page - Silicon Laboratories SI4021 Datasheet HTML 17Page - Silicon Laboratories SI4021 Datasheet HTML 18Page - Silicon Laboratories SI4021 Datasheet HTML 19Page - Silicon Laboratories SI4021 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Si4021
16
6. Low Battery Detector Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
1
0
dwc
0
ebs
t4
t3
t2
t1
t0
C200h
Bit 7 <dwc> Disables the Wake-up timer periodical (every 30 second) calibration if this bit is set.
Bit 5 <ebs> Enables the TX bit synchronization circuit. The data rate must be set by the Data Rate Command.
TX bit2
TX bitN
TX bit1
TX Data
(RF modulator input)
SPI commands
(nSEL, SCK, SDI)
FSK or SDI
nIRQ
Power Man
ea=1
Bit time
ea=0
Power Man
LBD&Bsync
ebs=1
nIRQ
Data Rate
Set the DR
1.6us
TX bitN-1
TX bitN
TX bit1
//
//
//
//
//
//
nIRQ
The 5-bit value T of <t4 : t0> determines the threshold voltage V
lb of the detector:
V
lb = 2.25 V + T * 0.1 V
7. Sleep Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
1
0
0
s7
s6
s5
s4
s3
s2
s1
s0
C410h
The effect of this command depends on the Power Management Command. It immediately disables the power amplifier (if a0=1 and ea=0)
and the synthesizer (if a1=1 and es=0). Stops the crystal oscillator after S periods of the microcontroller clock (if a1=1 and ex=0) to enable
the microcontroller to execute all necessary commands before entering sleep mode itself. The 8-bit value S is determined by bits <s7 : s0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com