Electronic Components Datasheet Search
  English  ▼

X  

SI4021 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI4021
Description  Automatic antenna tuning circuit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4021 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI4021 Datasheet HTML 17Page - Silicon Laboratories SI4021 Datasheet HTML 18Page - Silicon Laboratories SI4021 Datasheet HTML 19Page - Silicon Laboratories SI4021 Datasheet HTML 20Page - Silicon Laboratories SI4021 Datasheet HTML 21Page - Silicon Laboratories SI4021 Datasheet HTML 22Page - Silicon Laboratories SI4021 Datasheet HTML 23Page - Silicon Laboratories SI4021 Datasheet HTML 24Page - Silicon Laboratories SI4021 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Si4021
21
11. Status Register Read Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
- -
With this command, it is possible to read the chip’s status register through the nIRQ pin. This command clears the last serviced interrupt and
processing the next pending one will start (if there is any).
Status Register Read Sequence
nSEL
SCK
SDI
nIRQ
0
instruction
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
POR
PB1
PB2
PB3
PB4
LBD
WK-UP
nIRQ
status out
12. PLL Setting and Reset Mode Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
1
0
0
1
0
bw1
bw0
0
0
0
0
dr
0
D200h
Bits 7-6 <bw1 : bw0> select the PLL bandwidth:
bw1 bw0
Max datarate
[kbps]
Phase Noise at 1MHz offset
[dBc/Hz] (typical)
Charge pump current
0
1
19.2
-112
25%
1
1
38.4
-110
33%
0
0
68.9
-107
50%
1
0
115.2
-102
100%
Bit 1 (dr): Disables the highly sensitive RESET mode. If this bit is cleared, a 600 mV glitch in the power supply may cause a system reset. For
more detailed description see the Reset modes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com