Electronic Components Datasheet Search
  English  ▼

X  

SI4021 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI4021
Description  Automatic antenna tuning circuit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4021 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI4021 Datasheet HTML 9Page - Silicon Laboratories SI4021 Datasheet HTML 10Page - Silicon Laboratories SI4021 Datasheet HTML 11Page - Silicon Laboratories SI4021 Datasheet HTML 12Page - Silicon Laboratories SI4021 Datasheet HTML 13Page - Silicon Laboratories SI4021 Datasheet HTML 14Page - Silicon Laboratories SI4021 Datasheet HTML 15Page - Silicon Laboratories SI4021 Datasheet HTML 16Page - Silicon Laboratories SI4021 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Si4021
13
Control Commands
Control Command
Related Parameters/Functions
Related control bits
1
Configuration Setting Command
Frequency band, microcontroller clock output, crystal
load capacitance, frequency deviation
b1 to b0, d2 to d0, x3
to x0, ms, m2 to m0
2
Power Management Command
Crystal oscillator, synthesizer, power amplifier, low
battery detector, wake-up timer, clock output buffer
a1 a0, ex, es, ea, eb,
et, dc
3
Frequency Setting Command
Carrier frequency
f11 to f0
4
Data Rate Command
Bit rate
r7 to r0
5
Power Setting Command
Nominal output power, OOK mode
ook, p2 to p0
6
Low Battery Detector Command
Low battery threshold limit, transmit bit synchronizer,
wake-up timer calibration
dwc, ebs, t4 to t0
7
Sleep Command
Length of the clock tail after power down
s7 to s0
8
Push-Button Command
Push-button related functions
p4, d1 to d0, b4 to b1,
bc
9
Wake-Up Timer Command
Wake-up time period
r4 to r0, m7 to m0
10
Data Transmit Command
Data transmission
11
Status Register Command
Transmitter status read
12
PLL Setting and Reset Mode Command
PLL bandwidth, reset mode
bw1 to bw0, dr
Note: In the following tables the POR column shows the default values of the command registers after power-on.
1. Configuration Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
0
0
b1
b0
d2
d1
d0
x3
x2
x1
x0
ms
m2
m1
m0
8080h
b1
b0
Frequency Band {MHz]
0
0
315
0
1
433
1
0
868
1
1
915
Clock Output
Frequency [MHz]
0
0
0
1
0
0
1
1.25
0
1
0
1.66
0
1
1
2
1
0
0
2.5
1
0
1
3.33
1
1
0
5
1
1
1
10
d2
d1
d0
x3
x2
x1
x0
Crystal Load Capacitance [pF]
0
0
0
0
8.5
0
0
0
1
9.0
0
0
1
0
9.5
0
0
1
1
10.0
1
1
1
0
15.5
1
1
1
1
16.0
…
The resulting output frequency can be calculated as:
f
out = f0 – (-1)
SIGN
* (M + 1) * (30 kHz)
where:
f
0 is the channel center frequency (see the next command)
M is the three bit binary number <m2 : m0>
SIGN = (ms) XOR (FSK input)
Note:
Use M in a range from 0 to 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com